Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAL200QSC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSAL200QSC
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAL200QSC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSAL200QSC Datasheet HTML 1Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 2Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 3Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 4Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 5Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 6Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 7Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 8Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VSW
DC Switch Voltage
(1)
-0.5
0.5
V
VIN
DC Input Voltage
(1)
-0.5
7.0
V
IIK
DC Input Diode Current at (IIK) VIN < 0V
-50
mA
IOUT
DC Output Current
120
mA
ICC/IGND
DC VCC or Ground Current
±100
mA
PD
Power Dissipation at 85°C
0.5
W
TSTG
Storage Temperature Range
-65
+150
°C
TA
Ambient Temperature with Power Applied
-40
+85
°C
Note:
1.
Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
5.5
V
VIN
Control Input Voltage
(2)
0
VCC
V
VSW
Switch Input Voltage
VCC
V
VOUT
Output Voltage
VCC
V
TA
Operating Temperature
-40
+85
°C
Control Input VCC=2.3V -3.6V
0
10
tr,tf
Input Rise and Fall Time
Control Input VCC=4.5V -5.5V
0
5
ns/V
θ
JA
Thermal Resistance in Still Sir
°C/W
Note:
2.
Control input must be held HIGH or LOW and it must not float.


Similar Part No. - FSAL200QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200QSC FAIRCHILD-FSAL200QSC Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
FSAL200QSC FAIRCHILD-FSAL200QSC Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
logo
ON Semiconductor
FSAL200QSC ONSEMI-FSAL200QSC Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
FSAL200QSCX ONSEMI-FSAL200QSCX Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
More results

Similar Description - FSAL200QSC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com