Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAL200 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSAL200
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAL200 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSAL200 Datasheet HTML 1Page - Fairchild Semiconductor FSAL200 Datasheet HTML 2Page - Fairchild Semiconductor FSAL200 Datasheet HTML 3Page - Fairchild Semiconductor FSAL200 Datasheet HTML 4Page - Fairchild Semiconductor FSAL200 Datasheet HTML 5Page - Fairchild Semiconductor FSAL200 Datasheet HTML 6Page - Fairchild Semiconductor FSAL200 Datasheet HTML 7Page - Fairchild Semiconductor FSAL200 Datasheet HTML 8Page - Fairchild Semiconductor FSAL200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
4
DC Electrical Characteristics
Typical values are at 25°C unless otherwise specified.
TA=-40°C to +85°C
Symbol
Parameter
Conditions
VCC(V)
Min.
Typ.
Max.
Units
4.5 to 5.5
2.0
VIH
Input Voltage High
3.0 to 3.6
2.0
V
4.5 to 5.5
-0.5
0.8
VIL
Input Voltage Low
3.0 to 3.6
-0.5
0.8
V
IOZ
Off State Leakage Current
0
≤ V
IN ≤ 5.5V
0 to 5.5
100
µA
ION=10 -30mA
4.5 to 5.5
6
12
RON
Switch On Resistance
(3)
ION=10 -30mA
3.0 to 3.6
15
22
Ω
VIN=VCC or GND
5.5
±1
IIN
Control Input Leakage
VIN=VCC or GND
3.6
±1
µA
ICC
Quiescent Supply Current,
All Channels Off
VIN=VCC or GND, IOUT=0
5.5
1
µA
Analog Signal Range
VCC
0
VCC
V
IA=-30 mA, VBN=3.15
4.5 to 5.5
0.4
2.0
ΔR
ON
On Resistance Matching
Between Channels
(3)(4)
IA=-10 mA, VBN=2.1
3.0 to 3.6
1.0
3.0
Ω
4.5 to 5.5
100
IO
Output Current
Bn, Bn, S-0V to 5V
3.0 to 3.6
80
m
Α
A1, B1, B2=0V to 5V
4.5 to 5.5
3
RFLAT(ON)
On Resistance Flatness
(3)(5)
A1, B1, B2=0V to 5V
3.0 to 3.6
7
Ω
Notes:
3.
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B ports).
4.
ΔR
ON = RON maximum – RON minimum measured at identical VCC, temperature, and voltage levels.
5.
Flatness is defined as the difference between the maximum and minimum value of on resistance over the
specified range of conditions.


Similar Part No. - FSAL200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200MTC FAIRCHILD-FSAL200MTC Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
logo
ON Semiconductor
FSAL200MTC ONSEMI-FSAL200MTC Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
More results

Similar Description - FSAL200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com