Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA4159L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA4159L6X
Description  Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4159L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA4159L6X Datasheet HTML 1Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 2Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 3Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 4Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 5Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 6Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 7Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 8Page - Fairchild Semiconductor FSA4159L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA4159 • Rev. 1.0.4
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.5
V
Vsw
Switch Voltage
(1)
-0.5
VCC +-0.5
V
VIN
Input Voltage
(1)
-0.5
6.5
V
IIK
Input Diode Current
-50
mA
ISW
Switch Current (Continuous)
200
mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms Duration,
<10% Duty Cycle)
400
mA
PD
Power Dissipation at 85°C
180
mW
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Max Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
°C
Human Body Model (JEDEC: JESD22-A114)
4000
Charged Device Model (JEDEC: JESD22-C101)
1500
ESD
Machine Model (JEDEC: JESD22-A115)
200
V
Note:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.65
5.50
V
ASEL
Control Input Voltage
(2)
0
VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
θJA
Thermal Resistance, Still Air
350
°C/W
Note:
2.
Control Input must be held HIGH or LOW; it must not float.


Similar Part No. - FSA4159L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA4159L6X ONSEMI-FSA4159L6X Datasheet
846Kb / 16P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
December 2013 Rev. 1.0.6
More results

Similar Description - FSA4159L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4159 FAIRCHILD-FSA4159 Datasheet
312Kb / 13P
   Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
FSA839 FAIRCHILD-FSA839 Datasheet
569Kb / 10P
   Low-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
logo
ON Semiconductor
FSA4159 ONSEMI-FSA4159 Datasheet
846Kb / 16P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
December 2013 Rev. 1.0.6
FSA839 ONSEMI-FSA839 Datasheet
647Kb / 12P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
October-2017, Rev . 2
logo
Fairchild Semiconductor
FSA859 FAIRCHILD-FSA859 Datasheet
571Kb / 10P
   Dual-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
FSA1259 FAIRCHILD-FSA1259_09 Datasheet
883Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA1259 FAIRCHILD-FSA1259 Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA2859 FAIRCHILD-FSA2859 Datasheet
852Kb / 10P
   Dual-Voltage, 0.8廓 DPDT Analog Switch with Power-Off Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com