Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2567 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA2567
Description  Low-Power, Dual SIM Card Analog Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2567 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA2567 Datasheet HTML 1Page - Fairchild Semiconductor FSA2567 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
November 2007
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2567 Rev. 1.0.1
Click to see this datasheet
in Simplified Chinese!
FSA2567 — Low-Power, Dual SIM Card Analog Switch
Features
Low On Capacitance for Data Path: 10pF Typical
Low On Resistance for Data Path: 6Ω Typical
Low On Resistance for Supply Path: 0.4Ω Typical
Low Power Consumption: 1μA Maximum
-
15μA Maximum ICCT Over Expanded Voltage
Range (VIN=1.8V, VCC=4.3V)
Wide -3db Bandwidth: > 160MHz
Packaged in:
-
Pb-free 16-Lead MLP
-
Pb-free 16-Lead UMLP (1.8 x 2.6mm)
3kV ESD Rating, >12kV Power/GND ESD Rating
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSA2567 is a bi-directional, low-power, dual
double-pole,
double-throw
(4PDT)
analog
switch
targeted at dual SIM card multiplexing. It is optimized
for switching the WLAN-SIM data and control signals
and dedicates one channel as a supply-source switch.
The FSA2567 is compatible with the requirements of
SIM cards and features a low on capacitance (CON) of
10pF to ensure high-speed data transfer. The VSIM
switch path has a low RON characteristic to ensure
minimal voltage drop in the dual SIM card supply paths.
The FSA2567 contains special circuitry that minimizes
current consumption when the control voltage applied to
the SEL pin is lower than the supply voltage (VCC). This
feature
is
especially
valuable
in
ultra-portable
applications, such as cell phones; allowing direct
interface with the general-purpose I/Os of the baseband
processor. Other applications include switching and
connector sharing in portable cell phones, PDAs, digital
cameras, printers, and notebook computers.
Ordering Information
Part Number
Top Mark
Operating Temperature
Range
Package
FSA2567MPX
FSA2567
-40 to +85°C
16-Lead, Molded Leadless Package (MLP) Quad,
JEDEC MO-220, 3mm Square
FSA2567UMX
GX
-40 to +85°C
16-Lead, Quad, Ultrathin Molded Leadless
Package (UMLP), 1.8 x 2.6mm
All packages are lead free per JEDEC: J-STD-020B standard.
1VSIM
2VSIM
V
SIM
1RST
2RST
RST
Sel
1CLK
2CLK
CLK
2DAT
DAT
1DAT
Figure 1. Analog Symbol


Similar Part No. - FSA2567

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
   Low-Power, Dual SIM Card Analog Switch
logo
ON Semiconductor
FSA2567 ONSEMI-FSA2567 Datasheet
291Kb / 12P
   Low-Power, Dual SIM Card Analog Switch
Nov ember-2017, Rev . 2
logo
Fairchild Semiconductor
FSA2567MPX FAIRCHILD-FSA2567MPX Datasheet
389Kb / 2P
   Low-Power, Dual SIM Card Analog Switch
logo
ON Semiconductor
FSA2567MPX ONSEMI-FSA2567MPX Datasheet
291Kb / 12P
   Low-Power, Dual SIM Card Analog Switch
Nov ember-2017, Rev . 2
logo
Fairchild Semiconductor
FSA2567UMX FAIRCHILD-FSA2567UMX Datasheet
389Kb / 2P
   Low-Power, Dual SIM Card Analog Switch
More results

Similar Description - FSA2567

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2567 ONSEMI-FSA2567 Datasheet
291Kb / 12P
   Low-Power, Dual SIM Card Analog Switch
Nov ember-2017, Rev . 2
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
   Low-Power, Dual SIM Card Analog Switch
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
ON Semiconductor
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
logo
Integrated Device Techn...
IDTHS421V16 IDT-IDTHS421V16 Datasheet
254Kb / 12P
   LOW POWER, DUAL SIM CARD HYBRID SWITCH
logo
Vishay Siliconix
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231_08 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com