Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1T20 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # USB1T20
Description  Universal Serial Bus Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T20 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  USB1T20_08 Datasheet HTML 1Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 2Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 3Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 4Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 5Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 6Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 7Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 8Page - Fairchild Semiconductor USB1T20_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
USB1T20 • Rev. 1.0.2
6
AC Electrical Characteristics D+/D- Pins, Full Speed
Over the recommended range of supply voltage and operating free air temperature unless otherwise noted.
VCC = 3.0V to 3.6V; CL = 50pF; RL = 1.5kΩ on D+ to VCC.
TA=-40 to +85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Driver Characteristics
tR, tF
Rise and Fall Time
10 and 90%, Figure 3
4
20
ns
tRFM
Rise/Fall Time Matching
tr / tf
90
110
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
Driver Timings
tPLH
Driver Propagation Delay
(VPO,VMO/FSEO to D+D-)
Figure 4
18
ns
tPHZ, tPLZ
Driver Disable Delay (/OE to D+/D-)
Figure 6
13
ns
tPZH, tPZL
Driver Enable Delay (/OE to D+/D-)
Figure 6
17
ns
Receiver Timings
tPLH
16
ns
tPHL
Receiver Propagation Delay
D+/D- to RVC
Figure 5
19
ns
tPLH, tPHL
Single-ended Receiver Delay
(D+,D- to VP, VM)
Figure 5
8
ns
AC Electrical Characteristics D+/D- Pins, Low Speed
Over the recommended range of supply voltage and operating free air temperature unless otherwise noted.
VCC = 3.0V to 3.6V; CL = 200pF to 600pF; RL = 1.5kΩ on D- to VCC.
TA=-40 to +85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Driver Characteristics
tLR, tLF
Rise and Fall Time
10 and 90%, Figure 3
75
300
ns
tRFM
Rise/Fall Time Matching
tr / tf
80
120
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
Driver Timings
tPLH, tPHL
Driver Propagation Delay
(VPO,VMO/FSEO to D+D-)
Figure 4
300
ns
tPHZ, tPLZ
Driver Disable Delay (/OE to D+/D-)
Figure 6
13
ns
tPZH, tPZL
Driver Enable Delay (/OE to D+/D-)
Figure 6
205
ns
Receiver Timings
tPLH, tPHL
Receiver Propagation Delay
(D+/D- to RVC)
Figure 5
18
ns
tPLH, tPHL
Single-ended Receiver Delay
(D+,D- to VP, VM)
Figure 5
28
ns


Similar Part No. - USB1T20_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T20MPX FAIRCHILD-USB1T20MPX Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T20MTC FAIRCHILD-USB1T20MTC Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
More results

Similar Description - USB1T20_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com