Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA1256AL8X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA1256AL8X
Description  Low-RON Low-Voltage, Dual SPST Analog Switch with Low-ICCT ?쏛??Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1256AL8X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA1256AL8X Datasheet HTML 1Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 2Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 3Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 4Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 5Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 6Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 7Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 8Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA1256(A) / FSA1257(A) / FSA1258(A) Rev. 1.0.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.5
6.0
V
VS
Switch Voltage
(1)
-0.5
VCC +0.5
V
Vin
Input Voltage
(1)
-0.5
6.0
V
Power Dissipation at 85
°C, MicroPak™ 8L Package
180
mW
IIK
Input Diode Current
-50
mA
ISW
Switch Current
200
mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms Duration, <10% Duty Cycle)
400
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering 10 Seconds)
+260
°C
FSA1256, FSA1257, FSA1258
5.5
ESD
Human Body Model
(JEDEC: JESD22-A114)
FSA1256A, FSA1257A, FSA1258A
4.5
kV
Note:
1.
Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Units
FSA1256, FSA1257, FSA1258
1.65
5.50
VCC
Supply Voltage
FSA1256A, FSA1257A, FSA1258A
2.7
5.5
V
VIN
Control Input Voltage
(2)
0
VCC
V
VIN
Switch Input Voltage
0
VCC
V
ΘJA
Thermal Resistance in Still Air, MicroPak 8L Package (modeled)
224
°C/W
TA
Operating Temperature
-40
+85
ºC
Note:
2.
Unused inputs must be held HIGH or LOW. They must not float.


Similar Part No. - FSA1256AL8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256AL8X FAIRCHILD-FSA1256AL8X Datasheet
618Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256AL8X FAIRCHILD-FSA1256AL8X Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256AL8X FAIRCHILD-FSA1256AL8X Datasheet
460Kb / 10P
   Low-RON Low-Voltage, Dual SPDT Analog Switch with Low-ICCT ?쏛??Option
logo
ON Semiconductor
FSA1256AL8X ONSEMI-FSA1256AL8X Datasheet
572Kb / 12P
   Low-Voltage, Dual SPST Analog Switch
November 2013 Rev. 1.0.9
More results

Similar Description - FSA1256AL8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256_0504 FAIRCHILD-FSA1256_0504 Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256A FAIRCHILD-FSA1256A Datasheet
618Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256A FAIRCHILD-FSA1256A_11 Datasheet
460Kb / 10P
   Low-RON Low-Voltage, Dual SPDT Analog Switch with Low-ICCT ?쏛??Option
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com