Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6932DZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG6932DZ
Description  PFC / Forward PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6932DZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SG6932DZ Datasheet HTML 2Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 3Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 4Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 5Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 6Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 7Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 8Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 9Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6932 • Rev. 1.1.3
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only. All voltage values, except differential voltage, are
given with respect to GND pin. Stresses beyond those listed under “absolute maximum ratings “may cause
permanent damage to the device.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
25
V
IAC
Input AC Current
2
mA
VHIGH
OPWM, OPFC, IAC
-0.5
25.0
V
VLOW
Others
-0.5
7.0
V
PD
Power Dissipation (TA<50°C)
0.8
W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
DIP
33.64
θJC
Thermal Resistance (Junction-to-Case)
SOP
41.95
°C/W
TL
Lead Temperature (Wave Soldering, 10 Seconds)
+260
°C
Electrostatic Discharge Capability, Human Body Model:
JESD22-A114
4.5
KV
ESD
Electrostatic Discharge Capability, Machine Model:
JESD22-A115
250
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+85
°C


Similar Part No. - SG6932DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932DZ FAIRCHILD-SG6932DZ Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
More results

Similar Description - SG6932DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
logo
Infineon Technologies A...
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com