Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6932 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG6932
Description  PFC / Forward PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6932 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG6932 Datasheet HTML 1Page - Fairchild Semiconductor SG6932 Datasheet HTML 2Page - Fairchild Semiconductor SG6932 Datasheet HTML 3Page - Fairchild Semiconductor SG6932 Datasheet HTML 4Page - Fairchild Semiconductor SG6932 Datasheet HTML 5Page - Fairchild Semiconductor SG6932 Datasheet HTML 6Page - Fairchild Semiconductor SG6932 Datasheet HTML 7Page - Fairchild Semiconductor SG6932 Datasheet HTML 8Page - Fairchild Semiconductor SG6932 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
May 2008
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6932 • Rev. 1.1.3
SG6932
PFC / Forward PWM Controller
Features
Interleaved PFC/PWM Switching
Low Operating Current
Innovative Switching-Charge Multiplier-divider
Multi-vector Control for Improved PFC Output
Transient Response
Average Current Mode for Input-current Shaping
PFC Over-voltage and Under-voltage Protections
PFC and PWM Feedback Open-loop Protection
Cycle-by-cycle Current Limiting for PFC/PWM
Slope Compensation for PWM
Selectable PWM Maximum Duty Cycle: 50%, 65%
Brownout Protection
Power-on Sequence Control and Soft-start
Applications
Switch-mode Power Supplies with Active PFC
Servo-system Power Supplies
PC-ATX Power Supplies
Description
The highly integrated SG6932 is designed for power
supplies with boost PFC and forward PWM. It requires
very few external components to achieve versatile
protections and compensation. It is available in 16-pin
DIP and SOP packages.
The
proprietary
interleave-switching
feature
synchronizes the PFC and PWM stages and reduces
switching noise. At light load, the switching frequency is
continuously decreased to reduce power consumption.
For PFC stage, the proprietary multi-vector control
scheme provides a fast transient response in a low-
bandwidth PFC loop; in which the overshoot and
undershoot of the PFC voltage are clamped. If the
feedback loop is broken, SG6932 shuts off to prevent
extra-high voltage on output.
For the forward PWM stage, the synchronized slope
compensation ensures the stability of the current loop
under continuous-conduction-mode (CCM) operation.
Hiccup
operation
during
output
overloading
is
guaranteed. The soft-start and programmable maximum
duty cycle ensure safe operation.
SG6932 provides complete protection functions, such
as brownout protection and RI open/short latch off.
Ordering Information
Part
Number
Operating Temperature
Range
Package
Eco Status
Packing
Method
SG6932DZ
-40°C to +85°C
16-pin Dual In-Line Package (DIP)
RoHS
Tube
SG6932SZ
-40°C to +85°C
16-pin Small Outline Package (SOP)
RoHS
Tape & Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - SG6932

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
SG6932DZ FAIRCHILD-SG6932DZ Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
SG6932SZ FAIRCHILD-SG6932SZ Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
More results

Similar Description - SG6932

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
logo
Infineon Technologies A...
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com