Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6860TZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG6860TZ
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6860TZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG6860TZ Datasheet HTML 1Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 2Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 3Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 4Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 5Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 6Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 7Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 8Page - Fairchild Semiconductor SG6860TZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6860 • Rev. 1.0.1
SG6860
Low-Cost, Green-Mode PWM Controller for
Flyback Converters
Features
Green-Mode PWM
Supports the “Blue Angel” Eco Standard
Low Start-up Current: 9µA
Low Operating Current: 3mA
Leading-Edge Blanking
Constant Output Power Limit
Universal Input
Built-in Synchronized Slope Compensation
Current Mode Operation
Cycle-by-cycle Current Limiting
Under-Voltage Lockout (UVLO)
Programmable PWM Frequency with Frequency
Hopping
VDD Over-Voltage Protection (Latch off)
Gate Output Voltage Clamped at 17V
Low Cost
Few External Components Required
Small SOT-26 Package
Applications
Power Adaptors
Open-Frame SMPS
Description
This highly integrated PWM controller provides several
enhancements designed to meet the low standby-power
needs of low-power SMPS. To minimize standby power
consumption,
a
proprietary
green-mode
function
provides off-time modulation to linearly decrease the
switching frequency under light-load conditions. This
green-mode function enables the power supply to meet
even strict power conservation requirements.
The BiCMOS fabrication process enables reducing the
start-up current to 9µA and the operating current to
3mA. To further improve power conservation, a large
start-up resistance can be used. Built-in synchronized
slope compensation ensures the stability of peak
current mode control. Proprietary internal compensation
provides a constant output power limit over a universal
AC input range (90VAC to 264VAC). Pulse-by-pulse
current limiting ensures safe operation even during
short-circuits.
To protect the external power MOSFET from being
damaged by supply over voltage, the SG6860’s output
driver is clamped at 17V. SG6860 controllers can
improve the performance and reduce the production
cost of power supplies. The SG6860 can replace linear
and RCC-mode power adapters. It is available in 8-pin
DIP and 6-pin SOT-26 packages.
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
SG6860TZ
-40°C to +85°C
Small SOT-26 Package
Tape & Reel
SG6860DZ
-40°C to +85°C
8-pin Dual in-line Package (DIP)
Rail
All packages are lead free per JEDEC: J-STD-020B standard.


Similar Part No. - SG6860TZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6840 ETC-SG6840 Datasheet
384Kb / 11P
   HIGH INTEGRATED PWM CONTROLLER
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
SG6841D ETC-SG6841D Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
logo
Fairchild Semiconductor
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
logo
List of Unclassifed Man...
SG6841S ETC-SG6841S Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
More results

Similar Description - SG6860TZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com