Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6859ADZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SG6859ADZ
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6859ADZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SG6859ADZ Datasheet HTML 1Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 2Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 3Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 4Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 5Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 6Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 7Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 8Page - Fairchild Semiconductor SG6859ADZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6859A Rev. 1.0.0
5
Electrical Characteristics
Unless otherwise noted, VDD=15V and TA=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VDD-OP
Continuously Operation Voltage
22
V
VDD-ON
Turn-on Threshold Voltage
15.5
16.5
17.5
V
VDD-OFF
Turn-off Threshold Voltage
8.5
9.5
10.5
V
IDD-ST
Startup Current
VDD=VDD-ON – 0.1V
9
15
μA
IDD-OP
Operating Supply Current
VDD=15V, CL=1nF
3.0
3.5
mA
VDD-OVP
VDD Over-voltage Protection Level
Auto Restart
24
25
26
V
tD-VDDOVP VDD Over-voltage Protection Debounce
Auto Restart
125
μs
VDD-G OFF
VDD Low-threshold Voltage to Exit
Green-off Mode
VDD-OFF
+ 1
V
Feedback Input Section
ZFB
Input Impedance
5
kΩ
VFB-OPEN FB Output High Voltage
5
V
VFB-OL
FB Open-loop Trigger Level
4.3
4.6
4.9
V
tD-OLP
Delay of FB Pin Open-loop Protection
56
ms
VFB-N
Green-Mode Entry FB Voltage
2.60
2.85
3.10
V
VFB-G
Green-Mode Ending FB Voltage
2.2
V
SG
Green-Mode Modulation Slope
RI=95kΩ
40
75
100
Hz/mV
Current-Sense Section
ZSENSE
Input Impedance
10
kΩ
tPD
Delay to Output
40
55
100
ns
VSTHFL
Flat Threshold Voltage for Current Limit
1
V
VSTHVA
Valley Threshold Voltage for Current Limit
0.75
0.80
0.85
V
tLEB
Leading-Edge Blanking Time
270
320
370
ns
DCYSAW Duty Cycle of SAW Limit
40
%
Oscillator Section
Center Frequency
65
70
75
FOSC
Frequency
Hopping Range
RI=95kΩ
±
4.9
kHz
THOP
Hopping Period
RI=95kΩ
3.7
ms
FOSC-G
Green-Mode Frequency
RI=95kΩ
20
kHz
FDV
Frequency Variation vs. VDD Deviation
VDD=13.5 to 22V
0
0.02
2.00
%
FDT
Frequency Variation vs. Temperature
Deviation
TA=-20 to 85°C
2
%
Output Section
DCYMAX Maximum Duty Cycle
62
67
72
%
VGATE-L
Output Voltage Low
VDD=15V, Io=20mA
1.4
V
VGATE-H
Output Voltage High
VDD=13.5V, Io=20mA
8
V
tr
Rising Time
VDD=15V, CL=1nF
150
ns
tf
Falling Time
VDD=15V, CL=1nF
55
ns
VGATE-
CLAMP
Output Clamp Voltage
VDD=22V
16
17
18
V


Similar Part No. - SG6859ADZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6859ADZ FAIRCHILD-SG6859ADZ Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
More results

Similar Description - SG6859ADZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com