Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846GLSY Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG6846GLSY
Description  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846GLSY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG6846GLSY Datasheet HTML 1Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 2Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 3Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 4Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 5Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 6Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 7Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 8Page - Fairchild Semiconductor SG6846GLSY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6846G • Rev. 1.0.0
SG6846G
Highly Integrated Green-Mode PWM Controller
Features
Low Startup Current: 8µA
Low Operating Current: 3.7mA
Peak-Current-Mode Operation with Cycle-by-Cycle
Current Limiting
PWM Frequency Continuously Decreasing with
Burst Mode at Light Loads
VDD Over-Voltage Protection (OVP)
AC Input Brownout Protection with Hysteresis
Constant Output Power Limit (Full AC Input Range)
Internal Latch Circuit for OVP, OTP, and OCP
Two-Level OCP Delay: 110ms
Programmable PWM Frequency with
Frequency Hopping
OCP Threshold is Half Peak Current Limit
Feedback Open-Loop Protection with 110ms Delay
Soft Startup Time: 5ms
Applications
General-purpose, switch-mode power supplies and
flyback power converters, including:
Power Adapters
Open-Frame SMPS
SMPS with Surge-Current Output, such as for
Printers, Scanners, Motor Drivers
Description
A highly integrated PWM controller, SG6846G provides
several features to enhance the performance of flyback
converters. To minimize standby power consumption, a
proprietary green-mode function provides off-time
modulation to continuously decrease the switching
frequency under light-load conditions. Under zero-load
conditions, the power supply enters burst-mode, which
completely shuts off PWM output. Output restarts just
before the supply voltage drops below the UVLO lower
limit. This green-mode function enables power supplies
to meet international power conservation requirements.
The SG6846G is designed for SMPS with surge-current
output, incorporated with a two-level OCP function.
Besides the cycle-by-cycle current limiting; if the
switching current is higher than OCP threshold and
lasts for 110ms, SG6846G shuts down immediately.
SG6846G also integrates a frequency-hopping function
internally, which helps reduce EMI emission of a power
supply
with
minimum
line
filters.
The
built-in
synchronized slope compensation provides proprietary
internal compensation for constant output power limit
over a universal AC input range. The gate output is
clamped at 18V to protect the external MOSFET from
over-voltage damage.
Other protection functions include AC input brownout
protection
with
hysteresis
and
VDD
over-voltage
protection. For over-temperature protection, an external
NTC thermistor can be applied to sense the ambient
temperature. When OCP, VDD OVP, or OTP are
activated, an internal latch circuit latches off the
controller. The latch resets when VDD supply is removed.
SG6846G is available in an 8-pin SOP package.
Ordering Information
Part
Number
Operating
Temperature Range
OCP
Latch
Eco
Status
Package
Packing
Method
SG6846GLSY
-40 to +105°C
Yes
Green
8-Pin Small Outline Package (SOP)
Tape & Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - SG6846GLSY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846GLSY FAIRCHILD-SG6846GLSY Datasheet
384Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846GLSY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com