Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846G Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SG6846G
Description  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846G Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SG6846G Datasheet HTML 1Page - Fairchild Semiconductor SG6846G Datasheet HTML 2Page - Fairchild Semiconductor SG6846G Datasheet HTML 3Page - Fairchild Semiconductor SG6846G Datasheet HTML 4Page - Fairchild Semiconductor SG6846G Datasheet HTML 5Page - Fairchild Semiconductor SG6846G Datasheet HTML 6Page - Fairchild Semiconductor SG6846G Datasheet HTML 7Page - Fairchild Semiconductor SG6846G Datasheet HTML 8Page - Fairchild Semiconductor SG6846G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6846G • Rev. 1.0.0
3
Marking Information
Figure 3. Top Mark
Pin Configuration
Figure 4. Pin Configuration
Pin Definitions
Pin #
Name
Function
Description
1
GND
Ground
Ground.
2
FB
Feedback
The signal from the external compensation circuit is fed into this pin. The
PWM duty cycle is determined in response to the signal from this pin and the
current-sense signal from pin 6.
3
VIN
Line-voltage
Detection
Line-voltage detection is used for brownout protection with hysteresis.
Constant output power limit over universal AC input range is also achieved
using this pin. Add a low-pass filter to filter out line ripple on the bulk capacitor.
4
RI
Reference
Setting
A resistor from the RI pin to ground generates a reference current source that
determines the switching frequency. Increasing the resistance reduces the
switching frequency. Using a 26kΩ resistor results in a 65kHz switching
frequency.
5
RT
Temperature
Detection
For over-temperature protection, an external NTC thermistor is connected
from this pin to the GND pin. The impedance of the NTC decreases at high
temperatures. Once the voltage of the RT pin drops below a threshold, PWM
output is disabled.
6
SENSE
Current Sense
Current sense. The sensed voltage is used for peak-current-mode control and
cycle-by-cycle current limiting. If the switching current is higher than OCP
threshold and lasts for 110ms, SG6846G turns off immediately. This two-level
OCP feature is especially suitable for SMPS with surge current output.
7
VDD
Power Supply
Power supply. If an open-circuit failure occurs in the feedback loop, the
internal protection circuit disables PWM output as long as VDD exceeds a
threshold.
8
GATE
Driver Output
The totem-pole output driver for the power MOSFET. It is internally clamped
below 18V.
: Fairchild Logo
Z: Plant Code
X: Year Code
Y: Week Code
TT: Die Run Code
F: L = OCP Latch
T: Package Type, S = SOP
P: Y = Green Compound
M: Manufacturing Flow Code


Similar Part No. - SG6846G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846G FAIRCHILD-SG6846G Datasheet
384Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
SG6846GLSY FAIRCHILD-SG6846GLSY Datasheet
384Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G_09 Datasheet
384Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com