Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846ALSY Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # SG6846ALSY
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846ALSY Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button SG6846ALSY Datasheet HTML 6Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 7Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 8Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 9Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 10Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 11Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 12Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 13Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6846A • Rev. 1.1.4
10
Typical Performance Characteristics (Continued)
60
65
70
75
80
85
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0
14
28
42
56
70
1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VFB (V)
Figure 14. Normal PWM Frequency (fOSC)
vs. Temperature
Figure 15. PWM Frequency vs. FB Voltage
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3
VIN ( V )
0.50
0.58
0.66
0.74
0.82
0.90
0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3
VIN (V)
Figure 16. Current-Limit Threshold vs. VIN Voltage
Figure 17. 2/3 Current-Limit Threshold vs. VIN Voltage
68.5
69.0
69.5
70.0
70.5
71.0
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (℃)
0.4
0.6
0.8
1.0
1.2
1.4
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (℃)
Figure 18. Output Current of RT Pin (IRT)
vs. Temperature
Figure 19. FB Output High Voltage (VRTTH)
vs. Temperature


Similar Part No. - SG6846ALSY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846ALSZ FAIRCHILD-SG6846ALSZ Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846ALSY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com