Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG6846B
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846B Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SG6846B Datasheet HTML 2Page - Fairchild Semiconductor SG6846B Datasheet HTML 3Page - Fairchild Semiconductor SG6846B Datasheet HTML 4Page - Fairchild Semiconductor SG6846B Datasheet HTML 5Page - Fairchild Semiconductor SG6846B Datasheet HTML 6Page - Fairchild Semiconductor SG6846B Datasheet HTML 7Page - Fairchild Semiconductor SG6846B Datasheet HTML 8Page - Fairchild Semiconductor SG6846B Datasheet HTML 9Page - Fairchild Semiconductor SG6846B Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6846B • Rev. 1.3.3
6
Electrical Characteristics
VDD = 15V and TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD Section
VDD-OP
Continuously Operating Voltage
20
V
VDD-ON
Turn-on Threshold Voltage
15.5
16.5
17.5
V
VDD-OFF
Turn-off Voltage
9.5
10.5
11.5
V
VDD-SCP
Threshold Voltage on VDD for Short-Circuit
Protection
VDD-OFF
+0.5V
VDD-OFF
+1.0V
VDD-OFF
+1.5V
V
VDD-LH
Threshold Voltage for Latch-off Release
3
4
5
V
IDD-ST
Startup Current
VDD-ON – 0.16V
8
30
µA
IDD-OP
Operating Supply Current
GATE Open
3.7
5.0
mA
VDD-OVP
VDD Over-Voltage Protection (Latch off)
23
24
25
V
tD-VDDOVP
VDD OVP Debounce Time
RI = 26kΩ
150
µs
IDD-OVP
VDD OVP Latch-off Holding Current
VDD = 5V
30
50
70
µA
VIN Section
VIN-OFF
PWM Turn-off Threshold Voltage
0.65
0.70
0.75
V
VIN-ON
PWM Turn-on Threshold Voltage
VIN-OFF
+0.18
VIN-OFF
+0.20
VIN-OFF
+0.22
V
Feedback Input Section
AV
Input-Voltage to Current-Sense Attenuation
1/3.5
1/4.0
1/4.5
V/V
ZFB
Input Impedance
4.0
5.5
7.0
kΩ
VFBO
FB Pin Open Voltage
5.2
6.2
6.6
V
Current Sense Section
ZSENSE
Input Impedance
12
kΩ
tPD
Delay to Output
100
250
ns
tLEB
Leading-edge Blanking Time
270
360
ns
VSLOPE
Slope Compensation
Duty = DCYMAX
0.30
0.33
0.36
V
VSTH1V
Threshold Voltage for Current Limit
VIN = 1V
0.80
0.83
0.86
V
VSTH3V
Threshold Voltage for Current Limit
VIN = 3V
0.67
0.70
0.73
V
VSTH1V-2/3
OCP Threshold Voltage for Current Limit
VIN = 1V
0.58
0.61
0.64
V
VSTH3V-2/3
OCP Threshold Voltage for Current Limit
VIN = 3V
0.48
0.51
0.54
V
tD-OCP
Delay Time for Over-Current Protection
RI = 26kΩ
175
200
225
ms
tD-Short
Output Short Circuit Protection delay time
VCS > VSTH, RI = 26kΩ,
VDD < VDD-SCP
6
7
8
ms
tSS-65KHz
RI = 26kΩ
4.5
5.0
5.5
ms
tSS-130KHz
Period During Soft Start Time
RI = 13kΩ
2.25
2.50
2.75
ms
Continued on following page…


Similar Part No. - SG6846B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846B FAIRCHILD-SG6846B Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
More results

Similar Description - SG6846B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com