Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN212ACBFX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FIN212ACBFX
Description  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212ACBFX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN212ACBFX Datasheet HTML 1Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 2Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 3Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 4Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 5Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 6Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 7Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 8Page - Fairchild Semiconductor FIN212ACBFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.6
4
Control Logic Circuitry
Mode
PLL0
PLL1
S1
S0
DIRI
Description
0
X
X
0
0
X
Power-Down Mode
1
1
0
0
1
1
12-Bit Serializer, Standard Clocking, 20MHz to 40MHz CKREF
1
0
0
0
1
1
12-Bit Serializer, Over-Clocked PLL, 19MHz to 38.2MHz CKREF
1
X
X
0
1
0
12-Bit Deserializer
2
1
0
1
0
1
12-Bit Serializer, Standard Clocking, 5MHz to 14MHz CKREF
2
0
0
1
0
1
12-Bit Serializer, Over-0Clocked PLL, 4.7MHz to 13.3MHz CKREF
2
X
X
1
0
0
12-Bit Deserializer
3
1
0
1
1
1
12-Bit Serializer, Standard Clocking, 8MHz to 28MHz CKREF
3
0
0
1
1
1
12-Bit Serializer, Over-Clocked PLL, 9.5MHz to 26.7MHz CKREF
3
X
X
1
1
0
12-Bit Deserializer
Table 1. Control Logic Circuitry
[DIRI] Direction Logic:
The FIN212 can be configured
as a 12-bit serializer or deserializer based on the state
of the DIRI signal. When DIRI is 1, the device is a
serializer. When DIRI is 0, the device is a deserializer.
The /DIRO signal is an inversion of the DIRI signal. The
/DIRO signal of the master can be used to drive the
DIRI signal of the slave in applications where the
interface needs to be turned around.
[S0, S1] Mode Select:
The mode select signals, S1
and S0, are used for different purposes when the device
is a serializer or a deserializer. For the serializer, the
pins need to be set to the correct value of the input
CKREF Frequency range.
For the deserializer the signals are used to select an
edge rate value. The fastest edge rates correspond to
the highest frequency mode. This relationship is
maintained for all modes.
DIRI=0
Mode #
S1
S0
Frequency
Range
0
0
0
Power-Down
1
0
1
FAST
2
1
0
SLOW
3
1
1
MEDIUM
Table 2. Deserializer Edge Rates
[PLL0, PLL1] PLL Frequency Select Signals:
The
PLL1 and PLL0 signals provide additional flexibility in
generating the serial clock frequency. The PLLn signals
only function when the device is a serializer (DIRI=1).
When the device is a slave, these pins are used for
pulse width adjustment.
Over-clocking mode is used when the input reference
clock has been implemented with significant spread
spectrum. Over-clocking allows the serializer to tolerate
a large amount of CKREF frequency spread.
No-Divide mode should be used for standard 8-bit pixel
interface where the STROBE and CKREF frequencies
are identical.
Divide-by-2 and Divide-by-3 modes are useful in
microcontroller interfaces where the CKREF frequency is
significantly higher than the required STROBE frequency.
DIRI=1
PLL1
PLL0
Serializer Frequency
Multiplier
0
0
7.3x
Over-clocking
0
1
7x
No Divide
1
0
3.5x
Divide by 2
1
1
2.3x
Divide by 3
Table 3. Frequency Multipliers
Internal STROBE Filter:
When the PLL starts, the
STROBE signal is internally held off until the PLL is
locked. This prevents any spurious data from being
passed through the device.
[PWS0, PWS1] Pulse Width Adjust Circuitry:
The
word clock strobe output (CKP) pulse width can be
adjusted through the PWS0 and PWS1 signals. The
signals can be used to lengthen the width of the LOW
pulse or invert the pulse in RGB applications with a 50%
duty cycle.
DIRI=0
PWS1
PWS0
Low Time
(Bits)
No Divide
Polarity (CKP
Read Edge)
0
0
7
LH
0
1
7
HL
1
0
13
LH
1
1
17
LH
Table 4. Pulse Width Adjust Circuitry at Serial
CLK Period


Similar Part No. - FIN212ACBFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN212ACBFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com