Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN224AC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FIN224AC
Description  22-Bit Bi-Directional Serializer/Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224AC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN224AC_08 Datasheet HTML 3Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 4Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 5Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 6Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 7Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 8Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 9Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 10Page - Fairchild Semiconductor FIN224AC_08 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224AC Rev.1.1.5
7
LVCMOS Data I/O
The LVCMOS input buffers have a nominal threshold
value equal to half VDD. The input buffers are only oper-
ational when the device is operating as a serializer.
When the device is operating as a deserializer, the inputs
are gated off to conserve power.
The LVCMOS 3-STATE output buffers are rated for a
source / sink current of approximately 0.5mA at 1.8V.
The outputs are active when the DIRI signal and either
S1 or S2 is asserted HIGH. When the DIRI signal and
either S1 or S2 is asserted LOW, the bi-directional LVC-
MOS I/Os is in a HIGH-Z state. Under purely capacitive
load conditions, the output swings between GND and
VDDP. When S1 or S2 initially transitions HIGH, the initial
state of the deserializer LVCMOS outputs is zero.
Unused LVCMOS input buffers must be either tied off to
a valid logic LOW or a valid logic HIGH level to prevent
static current draw due to a floating input. Unused LVC-
MOS output should be left floating. Unused bi-directional
pins should be connected to GND through a high-value
resistor. If a FIN224AC device is configured as an unidi-
rectional serializer, unused data I/O can be treated as
unused inputs. If the FIN224AC is hardwired as a deseri-
alizer, unused data I/O can be treated as unused outputs.


Similar Part No. - FIN224AC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN224AC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com