Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6675BZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6675BZ
Description  P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6675BZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6675BZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 5Page - Fairchild Semiconductor FDS6675BZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6675BZ Rev. B1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250µA, referenced to
25°C
-20
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -24V, VGS = 0V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±25V, VDS = 0V
±10
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-1
-2
-3
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250µA, referenced to
25°C
15.7
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -10V , ID = -11A
10.8
13.0
m
VGS = -4.5V, ID = -9A
17.4
21.8
VGS = -10V, ID = -11A
TJ = 125oC
15.0
18.8
gFS
Forward Transconductance
VDS = -5V,
ID = -11A
34
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1MHz
1855
2470
pF
Coss
Output Capacitance
335
450
pF
Crss
Reverse Transfer Capacitance
330
500
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
VDD = -15V, ID = -11A
VGS = -10V, RGS = 6Ω
3.0
10
ns
tr
Rise Time
7.8
16
ns
td(off)
Turn-Off Delay Time
120
200
ns
tf
Fall Time
60
100
ns
Qg
Total Gate Charge
VDS = -15V, VGS = -10V,
ID = -11A
44
62
nC
Qg
Total Gate Charge
VDS = -15V, VGS = -5V,
ID = -11A
25
35
nC
Qgs
Gate to Source Gate Charge
7.2
nC
Qgd
Gate to Drain Charge
11.4
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage VGS = 0V, IS = -2.1A
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -11A, di/dt = 100A/µs
42
ns
Qrr
Reverse Recovery Charge
IF = -11A, di/dt = 100A/µs
30
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
Scale 1 : 1 on letter size paper
2: Pulse Test:Pulse Width <300 us, Duty Cycle < 2.0%
3: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
a) 50°C/W when
mounted on a 1 in2
pad of 2 oz copper
minimun pad
c) 125°C/W when
mounted on a
b)105°C/W when
mounted on a .04 in2
pad of 2 oz copper


Similar Part No. - FDS6675BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
logo
VBsemi Electronics Co.,...
FDS6675BZ-NL VBSEMI-FDS6675BZ-NL Datasheet
998Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS6675BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC612PZ FAIRCHILD-FDMC612PZ Datasheet
261Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDD4141 FAIRCHILD-FDD4141 Datasheet
237Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDS6679AZ FAIRCHILD-FDS6679AZ_08 Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA910PZ FAIRCHILD-FDMA910PZ Datasheet
236Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com