Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8670S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMS8670S
Description  N-Channel PowerTrench짰 SyncFET TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8670S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMS8670S_08 Datasheet HTML 1Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 2Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 3Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 4Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 5Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 6Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 7Page - Fairchild Semiconductor FDMS8670S_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDMS8670S Rev.C4
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0123
4
0
30
60
90
120
150
180
VGS = 4V
VGS = 4.5V
VGS = 3V
VGS = 3.5V
VGS = 10V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0
30
60
90
120
150
180
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
GS = 3V
V
GS = 10V
V
GS = 4V
V
GS = 4.5V
V
GS = 3.5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
ID, DRAIN CURRENT(A)
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 20A
VGS = 10V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
34
56
78
9
10
2
4
6
8
10
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 125
oC
TJ = 25oC
ID = 20A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
1234
0
30
60
90
120
150
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 125
oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1E-3
0.01
0.1
1
10
TJ = -55oC
TJ = 25
oC
TJ = 125
oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
20
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMS8670S_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8670S FAIRCHILD-FDMS8670S_07 Datasheet
231Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.5m?
More results

Similar Description - FDMS8670S_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8670S FAIRCHILD-FDMS8670S_07 Datasheet
231Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.5m?
FDMS8670AS FAIRCHILD-FDMS8670AS Datasheet
217Kb / 7P
   N-Channel PowerTrench짰 SyncFET?
FDMS8670AS FAIRCHILD-FDMS8670AS_08 Datasheet
245Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.0m廓
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com