Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA1032CZ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDMA1032CZ
Description  20V Complementary PowerTrench짰 MOSFE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1032CZ Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FDMA1032CZ_08 Datasheet HTML 1Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 2Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 3Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 4Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 5Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 6Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 7Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 8Page - Fairchild Semiconductor FDMA1032CZ_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FDMA1032CZ Rev B2 (W)
rev3
Dimensional Outline and Pad Layout


Similar Part No. - FDMA1032CZ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ Datasheet
163Kb / 9P
   20V Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDMA1032CZ ONSEMI-FDMA1032CZ Datasheet
515Kb / 10P
   20V Complementary PowerTrench MOSFET
October-2017, Rev. 2
More results

Similar Description - FDMA1032CZ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG8842CZ FAIRCHILD-FDG8842CZ Datasheet
455Kb / 8P
   Complementary PowerTrench짰 MOSFET
logo
GOOD-ARK Electronics
SSF2145CH6 GOOD-ARK-SSF2145CH6 Datasheet
282Kb / 5P
   20V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AO6604 AOSMD-AO6604 Datasheet
773Kb / 9P
   20V Complementary MOSFET
AO6608 AOSMD-AO6608 Datasheet
387Kb / 9P
   20V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF8421 GOOD-ARK-SSF8421 Datasheet
539Kb / 4P
   20V Complementary MOSFET
SSF2145CH6 GOOD-ARK-SSF2145CH6_15 Datasheet
276Kb / 5P
   20V Complementary MOSFET
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ Datasheet
163Kb / 9P
   20V Complementary PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AOTS26108 AOSMD-AOTS26108 Datasheet
518Kb / 9P
   30V/20V Complementary MOSFET
Rev 1.0: April 2021
logo
ON Semiconductor
FDMA1032CZ ONSEMI-FDMA1032CZ Datasheet
515Kb / 10P
   20V Complementary PowerTrench MOSFET
October-2017, Rev. 2
logo
IXYS Corporation
IXTP150N15X4A IXYS-IXTP150N15X4A Datasheet
243Kb / 6P
   Power MOSFE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com