Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG6322C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDG6322C
Description  Dual N & P Channel Digital FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6322C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDG6322C_08 Datasheet HTML 1Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 2Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 3Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 4Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 5Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 6Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 7Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 8Page - Fairchild Semiconductor FDG6322C_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FDG6322C Rev.F1
Typical Electrical Characteristics: N-Channel (continued)
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
Q
, GATE CHARGE (nC)
g
I
= 0.22A
D
V
= 5V
DS
10V
0.4
0.8
2
5
10
25
40
0.01
0.03
0.1
0.3
1
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
DC
DS
10s
100ms
10ms
V
= 4.5V
SINGLE PULSE
R
= 415 °C/W
T
= 25°C
θJA
GS
A
1s
0.1
0.3
1
3
10
25
2
3
5
8
15
30
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
0.0001
0.001
0.01
0.1
1
10
200
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=415°C/W
T = 25°C
θJA
A


Similar Part No. - FDG6322C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
More results

Similar Description - FDG6322C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com