Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD4243 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD4243
Description  40V P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4243 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD4243_07 Datasheet HTML 1Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 2Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 3Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 4Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 5Page - Fairchild Semiconductor FDD4243_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD4243 Rev.C1
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0
1
23
45
0
10
20
30
40
50
60
VGS = -5V
VGS = -10V
VGS = - 6V
VGS = -4.5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VGS = -3.0V
VGS = -4V
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure2.
0
10
203040
5060
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGS = -6V
VGS = -10V
VGS = -5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
-ID, DRAIN CURRENT(A)
VGS = -4.5V
VGS = -3.0V
VGS = -4V
NormalizedOn-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = -6.7A
VGS = -10V
TJ, JUNCTION TEMPERATURE (oC)
vs Junction Temperature
Figure 4.
23
45
6
7
8
9
10
20
40
60
80
100
120
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 125oC
TJ = 25oC
ID = -6.7A
-VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
12
3
4
56
0
10
20
30
40
50
60
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.40.6
0.81.01.2
0.1
1
10
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
-
VSD, BODY DIODE FORWARD VOLTAGE (V)
30
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDD4243_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results

Similar Description - FDD4243_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDS4675-F085 ONSEMI-FDS4675-F085 Datasheet
850Kb / 7P
   40V P-Channel PowerTrench짰 MOSFET
September-2017, Rev.2
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDS4141_F085 FAIRCHILD-FDS4141_F085 Datasheet
257Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
FDS4470 FAIRCHILD-FDS4470_06 Datasheet
151Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com