Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA1156 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA1156
Description  Low-RON Low-Voltage SPST Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1156 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA1156 Datasheet HTML 1Page - Fairchild Semiconductor FSA1156 Datasheet HTML 2Page - Fairchild Semiconductor FSA1156 Datasheet HTML 3Page - Fairchild Semiconductor FSA1156 Datasheet HTML 4Page - Fairchild Semiconductor FSA1156 Datasheet HTML 5Page - Fairchild Semiconductor FSA1156 Datasheet HTML 6Page - Fairchild Semiconductor FSA1156 Datasheet HTML 7Page - Fairchild Semiconductor FSA1156 Datasheet HTML 8Page - Fairchild Semiconductor FSA1156 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA1156, FSA1157 • Rev. 1.0.3
4
DC Electrical Characteristics
All typical values are at 25
°C unless otherwise specified.
Notes:
3. On resistance is determined by the voltage drop between the A and B pins at the indicated current through the switch.
4. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified
range of conditions.
Symbol
Parameter
Conditions
VCC (V)
TA= +25°C
TA= −40°C to
+85°C
Unit
Min. Typ. Max. Min. Max.
VIH
Input Voltage High
2.7 to 3.6
2.0
V
4.5 to 5.5
2.4
VIL
Input Voltage Low
2.7 to 3.6
0.6
V
4.5 to 5.5
0.8
IIN
Control Input Leak-
age
VIN = 0V to VCC
2.7 to 3.6
-1.0
1.0
μA
4.5 to 5.5
-1.0
1.0
INO(OFF),
INC(OFF)
Off Leakage Current
A = 1V, 4.5V;
B = 4.5V, 1V
5.5
–2.0
2.0
20.0
20.0
nA
IA(ON)
On Leakage Current
A = 1V, 4.5V;
B = 1V, 4.5V or Floating
5.5
-4.0
4.0
-40.0
40.0
nA
RON
Switch On
Resistance(3.)
IOUT = 100mA, B = 1.5V
2.7
1.4
2.1
2.5
Ω
IOUT = 100mA, B = 3.5V
4.5
0.75
0.90
1.00
RFLAT(ON)
On Resistance
Flatness(4.)
IOUT = 100mA;
B0 = 0V, 0.75V, 1.5V
2.7
0.6
Ω
IOUT = 100mA;
B0 = 0V, 1V, 2V
4.5
0.1
0.2
0.3
ICC
Quiescent Supply
Current
VIN = 0V or VCC,
IOUT = 0V
3.6
0.1
0.5
1.0
μA
5.5
0.1
0.5
1.0


Similar Part No. - FSA1156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Fairchild Semiconductor
FSA1156L6X FAIRCHILD-FSA1156L6X Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156L6X FAIRCHILD-FSA1156L6X Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
More results

Similar Description - FSA1156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com