Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KWM-30581A3 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWM-30581A3
Description  5 x 8 Dot Matrix (3.0mm Dot) LED Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-30581A3 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWM-30581A3 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWM-30581 SERIES
5 x 8 Dot Matrix (3.0mm Dot)
LED Display
DESCRIPTION:
The KWM-30581 series is 37.40mm (1.47") height 5 x 8 dot matrix display.
This series is suitable for use in single/multi-line message display, large area
graphics display and electronic games.
All devices are available as either common row anode or common row cathode.
INTERNAL CIRCUIT DIAGRAM
ROW CATHODE
ROW ANODE
1
COL
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
8
2345
6
10
4
11
3
13
9
14
8
12
5
1
7
2
1
COL
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
8
2345
6
10
4
11
3
13
9
14
8
12
5
1
7
2
ROW
1
2
3
4
5
6
7
8
1
COL
2
3
4
5
PIN1
2.54*6=15.24(0.6)
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
700
635
660
565
570
585
700
635
660
565
570
585
90
45
20
30
30
30
90
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
2.4
1.9
1.9
2.2
2.2
1.9
2.4
1.9
1.9
2.2
2.2
1.9
2.8
2.6
2.6
2.6
2.6
2.6
2.8
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
400
850
1500
750
800
750
400
850
1500
750
800
750
650
1500
3000
1400
1550
1400
650
1500
3000
1400
1550
1400
Electro-optical Characteristic
KWM-30581A5
KWM-30581A3
KWM-30581AS
KWM-30581A2
KWM-30581AG
KWM-30581A6
KWM-30581C5
KWM-30581C3
KWM-30581CS
KWM-30581C2
KWM-30581CG
KWM-30581C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Dot
Min. Typ. Max.
Iv (
µcd)
Per Dot
Min.
Typ.
PACKAGE DIMENSIONS
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
φ0.5(0.020)
23.40(0.921)
4.70*4=18.80(0.740)
28.02(1.103)
φ3.00(0.118)
8.0(0.315)
6.0(0.236)


Similar Part No. - KWM-30581A3

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-30581A32 LUCKY-LIGHT-KWM-30581A32 Datasheet
77Kb / 1P
   5 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
More results

Similar Description - KWM-30581A3

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-30881 LUCKY-LIGHT-KWM-30881 Datasheet
69Kb / 1P
   8 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30581XY LUCKY-LIGHT-KWM-30581XY Datasheet
77Kb / 1P
   5 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30881XY LUCKY-LIGHT-KWM-30881XY Datasheet
91Kb / 1P
   8 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30572XY LUCKY-LIGHT-KWM-30572XY Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-50581 LUCKY-LIGHT-KWM-50581 Datasheet
59Kb / 1P
   5 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-50881 LUCKY-LIGHT-KWM-50881 Datasheet
70Kb / 1P
   8 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-50882 LUCKY-LIGHT-KWM-50882 Datasheet
70Kb / 1P
   8 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-19881 LUCKY-LIGHT-KWM-19881 Datasheet
71Kb / 1P
   8 x 8 Dot Matrix (1.9mm Dot) LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com