Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KWL-201UG Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWL-201UG
Description  Light Bar Graph Array Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWL-201UG Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWL-201UG Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWL-201Ux SERIES
Light Bar
Graph Array Display
DESCRIPTION:
The KWL-201Ux series is 4.85mm x 10.0mm two-element bar graph display.
The device has separete anode and cathode for each light segment and is
available in 6 different colors.
INTERNAL CIRCUIT DIAGRAM
φ0.50(0.020)
4.85(0.191)
2.54*3=7.62(0.3)
2.2(0.087)
1
A
2
3
B
4
A
B
3.55(0.140)
PIN 1
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
700
635
660
565
570
585
90
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
2.4
1.9
1.9
2.2
2.2
1.9
2.8
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
300
700
1500
700
850
600
550
1800
5000
1600
1900
1500
Electro-optical Characteristic
KWL-201U5
KWL-201U3
KWL-201US
KWL-201U2
KWL-201UG
KWL-201U6
Part No.
No
Common
Polar
Wave
Length
λρ (nm)
Vf (V)
Per Chip
Min. Typ. Max.
Iv (
µcd)
Per Chip
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
+
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.


Similar Part No. - KWL-201UG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWL-2727U2 LUCKY-LIGHT-KWL-2727U2 Datasheet
43Kb / 1P
   Light Bar Display
KWL-2727U26 LUCKY-LIGHT-KWL-2727U26 Datasheet
45Kb / 1P
   Light Bar Display
KWL-2727U3 LUCKY-LIGHT-KWL-2727U3 Datasheet
43Kb / 1P
   Light Bar Display
KWL-2727U32 LUCKY-LIGHT-KWL-2727U32 Datasheet
45Kb / 1P
   Light Bar Display
KWL-2727U6 LUCKY-LIGHT-KWL-2727U6 Datasheet
43Kb / 1P
   Light Bar Display
More results

Similar Description - KWL-201UG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
Micro Electronics
MLV-10-Y MICRO-ELECTRONICS-MLV-10-Y Datasheet
82Kb / 2P
   BAR GRAPH ARRAY
MLV-10-4R-6G MICRO-ELECTRONICS-MLV-10-4R-6G Datasheet
93Kb / 1P
   BAR GRAPH ARRAY
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
NTE3115 NTE-NTE3115 Datasheet
20Kb / 2P
   Bar Graph Display
logo
BRIGHT LED ELECTRONICS ...
BA-5E5UD BRIGHT-BA-5E5UD Datasheet
185Kb / 4P
   5 BAR GRAPH ARRAY
logo
Kingbright Corporation
DD12-12GWB KINGBRIGHT-DD12-12GWB Datasheet
74Kb / 3P
   12SEGMENT BAR GRAPH ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com