Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KWE-501A2 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWE-501A2
Description  LED Numeric Display Three Digit (0.50)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWE-501A2 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWE-501A2 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWE-501 SERIES
LED Numeric Display
Three Digit (0.50")
DESCRIPTION:
The KWE-501 series is 0.5 inch (12.70mm) height three digit display designed
for viewing distances of up to six meters.
This series is suitable for use in instruments, point of sales terminals and
electrical appliances.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KWE-501A3
KWE-501AS
KWE-501A2
KWE-501AG
KWE-501A6
KWE-501C3
KWE-501CS
KWE-501C2
KWE-501CG
KWE-501C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
DIG.1
DIG.2
DIG.3
916 15 3
2
BCA B CDE
118
10 8 6
FG
ABCDE
512 7
FG
14
13
9.50
6.50
25.00
PIN 1.
15.24
2.54*8=20.32
φ0.50
DIG.1
DIG.2
DIG.3
A
B
C
E
F
G
D
10.0
o
7.20
1.20
17 11
DIG.1
DIG.2
DIG.3
4 NO PIN
4 NO PIN
916 15 3
2
BCA B CDE
118
10 8 6
FG
ABCDE
512 7
FG
14
13
17 11


Similar Part No. - KWE-501A2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWE-401 LUCKY-LIGHT-KWE-401 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KWE-401A2 LUCKY-LIGHT-KWE-401A2 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KWE-401A3 LUCKY-LIGHT-KWE-401A3 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KWE-401A6 LUCKY-LIGHT-KWE-401A6 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KWE-401AG LUCKY-LIGHT-KWE-401AG Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
More results

Similar Description - KWE-501A2

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T50E-31 BETLUX-BL-T50E-31 Datasheet
328Kb / 5P
   12.70mm (0.50) Three digit numeric display series
BL-T50G-31 BETLUX-BL-T50G-31 Datasheet
326Kb / 5P
   12.70mm (0.50) Three digit numeric display series
logo
Lucky Light Electronic
KW2-502 LUCKY-LIGHT-KW2-502 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.50")
KW1-501 LUCKY-LIGHT-KW1-501 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.50)
KW1-502 LUCKY-LIGHT-KW1-502 Datasheet
46Kb / 1P
   LED Numeric Display Single Digit (0.50)
KW2-501 LUCKY-LIGHT-KW2-501 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.50)
logo
Inolux Corporation
HNTS50 INOLUX-HNTS50 Datasheet
1Mb / 17P
   0.50 Single Digit Numeric Display
logo
Lucky Light Electronic
KWE-401 LUCKY-LIGHT-KWE-401 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KW3-401 LUCKY-LIGHT-KW3-401 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.40)
KW3-402 LUCKY-LIGHT-KW3-402 Datasheet
50Kb / 1P
   LED Numeric Display Three Digit (0.40)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com