Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP30K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # EGP30K
Description  3.0 Ampere Glass Passivated High Efficiency Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

EGP30K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  EGP30K Datasheet HTML 1Page - Fairchild Semiconductor EGP30K Datasheet HTML 2Page - Fairchild Semiconductor EGP30K Datasheet HTML 3Page - Fairchild Semiconductor EGP30K Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
EGP30A - EGP30K Rev. A
July 2007
EGP30A - EGP30K
3.0 Ampere Glass Passivated High Efficiency Rectifiers
Features
• Glass passivated cavity-free junction
• High surge current capability
• Low leakage current
• Superfast recovery time for high efficiency
• Low forward voltage, high current capability
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics* T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375 " lead length @ TL = 55
°C
3.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
125
A
PD
Total Device Dissipation
Derate above 25
°C
6.25
50
W
mW
°C
RθJA
Thermal Resistance, Junction to Ambient
20
°C/W
RθJL
Thermal Resistance, Junction to Lead
8.5
°C/W
TJ, TSTG
Junction and Storage Temperature Range
-65 ~ 150
°C
Parameter
Device
Units
30A
30B
30C
30D
30F
30G
30J
30K
Peak Repetitive Reverse Voltage
50
100
150
200
300
400
600
800
V
Maximum RMS Voltage
35
70
105
140
210
280
420
560
V
DC Reverse Voltage (Rated VR)
50
100
150
200
300
400
600
800
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 125
°C
5.0
100
μA
μA
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
50
75
nS
Maximum Forward Voltage @ 3.0 A
0.95
1.25
1.7
V
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
95
75
pF
DO-201AD Glass case
COLOR BAND DENOTES CATHODE


Similar Part No. - EGP30K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30K ZOWIE-EGP30K Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
EGP30K ZSELEC-EGP30K Datasheet
90Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
logo
Micro Commercial Compon...
EGP30K MCC-EGP30K Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
Fairchild Semiconductor
EGP30K FAIRCHILD-EGP30K Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Taiwan Semiconductor Co...
EGP30K TSC-EGP30K Datasheet
73Kb / 2P
   3.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
More results

Similar Description - EGP30K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGP30A FAIRCHILD-EGP30A_V01 Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A- FAIRCHILD-EGP10A- Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A FAIRCHILD-EGP20A_07 Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Goodwork Semiconductor ...
HER301G GWSEMI-HER301G Datasheet
70Kb / 2P
   3.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Jinan Gude Electronic D...
HER301G JGD-HER301G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER301G UNIOHM-HER301G Datasheet
69Kb / 2P
   3.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Thinki Semiconductor Co...
HERA1603G THINKISEMI-HERA1603G Datasheet
550Kb / 2P
   16.0 Ampere Glass Passivated Process High Efficiency Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com