Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP20J Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # EGP20J
Description  2.0 Ampere Glass Passivated High Efficiency Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

EGP20J Datasheet(HTML) 2 Page - Fairchild Semiconductor

  EGP20J Datasheet HTML 1Page - Fairchild Semiconductor EGP20J Datasheet HTML 2Page - Fairchild Semiconductor EGP20J Datasheet HTML 3Page - Fairchild Semiconductor EGP20J Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
EGP20A - EGP20K Rev. A
Typical Performance Characteristics


Similar Part No. - EGP20J

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20J ZOWIE-EGP20J Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
EGP20J ZSELEC-EGP20J Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Fairchild Semiconductor
EGP20J FAIRCHILD-EGP20J Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
EGP20J LUGUANG-EGP20J Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Micro Commercial Compon...
EGP20J MCC-EGP20J Datasheet
82Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP20J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP30A FAIRCHILD-EGP30A Datasheet
149Kb / 4P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP30A FAIRCHILD-EGP30A_V01 Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A- FAIRCHILD-EGP10A- Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Fairchild Semiconductor
EGP20A FAIRCHILD-EGP20A_13 Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
logo
UNIOHM CORPORATION
HER201G UNIOHM-HER201G Datasheet
69Kb / 2P
   2.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com