Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F40UP35S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # F40UP35S
Description  Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

F40UP35S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  F40UP35S Datasheet HTML 1Page - Fairchild Semiconductor F40UP35S Datasheet HTML 2Page - Fairchild Semiconductor F40UP35S Datasheet HTML 3Page - Fairchild Semiconductor F40UP35S Datasheet HTML 4Page - Fairchild Semiconductor F40UP35S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
March 2008
©2008 Fairchild Semiconductor Corporation
FFA40UP35S Rev. A
www.fairchildsemi.com
1
Ultrafast Rectifier
FFA40UP35S
Features
• High Speed Switching, trr < 55ns @ IF = 40A
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Low Forward Voltage, VF < 1.6V
• RoHS compliant
Applications
• General Purpose
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
40A, 350V Ultrafast Rectifier
The FFA40UP35S is utrafast rectifier with low forward voltage
drop. It is silicon nitride passivated ion-implanted epitaxial planar
construction.
This device is intended for use as freewheeling/clamping rectifi-
ers in a variety of switching power supplies and other power
swithching applications. Its low stored charge and hyperfast soft
recovery minimize ringing and electrical noise in many power
switching circuits reducing power loss in the switching transis-
tors.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
350
V
VRWM
Working Peak Reverse Voltage
350
V
VR
DC Blocking Voltage
350
V
IF(AV)
Average Rectified Forward Current
@ TC = 111
oC
40
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
400
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.8
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F40UP35S
FFA40UP35STU
TO3P
-
-
30
TO3P
1. Anode 2. Cathode 3. Anode
1
2
3
1. Anode 2. Cathode 3. Anode


Similar Part No. - F40UP35S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F40UP35S THINKISEMI-F40UP35S Datasheet
3Mb / 4P
   40Amperes,350Volts Planar Passivation Single Ultra Fast Recovery Rectifiers
More results

Similar Description - F40UP35S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com