Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD0738 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD0738
Description  Single/Dual Channel CMOS Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD0738 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD0738 Datasheet HTML 1Page - Fairchild Semiconductor FOD0738 Datasheet HTML 2Page - Fairchild Semiconductor FOD0738 Datasheet HTML 3Page - Fairchild Semiconductor FOD0738 Datasheet HTML 4Page - Fairchild Semiconductor FOD0738 Datasheet HTML 5Page - Fairchild Semiconductor FOD0738 Datasheet HTML 6Page - Fairchild Semiconductor FOD0738 Datasheet HTML 7Page - Fairchild Semiconductor FOD0738 Datasheet HTML 8Page - Fairchild Semiconductor FOD0738 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
FOD0708/FOD0738 Rev. 1.0.7
Typical Characteristics (Continued)
Typical Logic High Output Supply Current
vs Ambient Temperature
TA -Ambient Temperature (
oC)
-40
-20
0
20
4060
80
100
5.5
6.0
6.5
7.0
7.5
8.0
8.5
VDD =5V
Typical Logic Low Output Supply Current
vs Ambient Temperature
TA -Ambient Temperature (
oC)
-40
-20
0
20
4060
80
100
5.5
6.0
6.5
7.0
7.5
8.0
8.5
VDD =5V
IF = 12mA
Typical Input Threshold Current
vs Ambient Temperature
TA -Ambient Temperature (
oC)
-40
-20
0
20
4060
80
100
2
3
4
5
6
7
VDD =5V
IOL =20µA
Channel 1
Channel 2
Typical Switching Speed vs Pulse Input Current
IF -Pulse Input Current (mA)
57
9
11
13
15
0
20
40
60
80
100
VDD =5V
TA =25
oC
tPHL
tPLH
PWD
Channel 1
Channel 2
Figure 8. FOD0738
Figure 5. FOD0738
Figure 6. FOD0738
Figure 7. FOD0738


Similar Part No. - FOD0738

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0738 FAIRCHILD-FOD0738 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
More results

Similar Description - FOD0738

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
Vishay Siliconix
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
logo
List of Unclassifed Man...
MTL6400U ETC-MTL6400U Datasheet
66Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com