Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW4-521A6 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW4-521A6
Description  LED Numeric Display Four Digit (0.52)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW4-521A6 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW4-521A6 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW4-521 SERIES
LED Numeric Display
Four Digit (0.52")
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
750
5600
750
850
700
750
5600
750
850
700
2000
21000
2000
2200
1600
2000
21000
2000
2200
1600
Electro-optical Data(at 10mA)
KW4-521A3
KW4-521AS
KW4-521A2
KW4-521AG
KW4-521A6
KW4-521C3
KW4-521CS
KW4-521C2
KW4-521CG
KW4-521C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KW4-521 series is 0.52 inch (13.20mm) height four digit display.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
DIG.1
DIG.2
DIG.3
DIG.4
B
C
DP
7.60
1.35
12.70
15.24
φ0.50
12.70
2.54*5=12.70
12.70
PIN1
50.80
10
o
D
E
F
A
G
A
8
B
7
C
12
D
4
E
1
F
9
G
5
DP
DIG.1
23
6
10
DIG.2
DIG.3
DIG.4
11
A
B
C
D
E
F
G DP A
B
C
D
E
F
G DP
A
B
C
D
E
F
G DP
A
8
B
7
C
12
D
4
E
1
F
9
G
5
DP
DIG.1
23
6
10
DIG.2
DIG.3
DIG.4
11
A
B
C
D
E
F
G DP A
B
C
D
E
F
G DP
A
B
C
D
E
F
G DP
+


Similar Part No. - KW4-521A6

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-522 LUCKY-LIGHT-KW4-522 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.52")
KW4-522A2 LUCKY-LIGHT-KW4-522A2 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.52")
KW4-522A3 LUCKY-LIGHT-KW4-522A3 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.52")
KW4-522A6 LUCKY-LIGHT-KW4-522A6 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.52")
KW4-522AG LUCKY-LIGHT-KW4-522AG Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.52")
More results

Similar Description - KW4-521A6

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-522 LUCKY-LIGHT-KW4-522 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.52")
logo
Inolux Corporation
HNTQ52 INOLUX-HNTQ52 Datasheet
1Mb / 17P
   0.52 Four Digit Numeric Display
logo
Lucky Light Electronic
KW2-521 LUCKY-LIGHT-KW2-521 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.52")
KW1-521 LUCKY-LIGHT-KW1-521 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.52)
logo
LIGITEK electronics co....
LFD3L5-61-XX-PF LIGITEK-LFD3L5-61-XX-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.52 Inch)
logo
Lucky Light Electronic
KW4-402 LUCKY-LIGHT-KW4-402 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.40)
KW4-562 LUCKY-LIGHT-KW4-562 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.56)
KW4-282 LUCKY-LIGHT-KW4-282 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-251 LUCKY-LIGHT-KW4-251 Datasheet
54Kb / 1P
   LED Numeric Display Four Digit (0.25)
KW4-361 LUCKY-LIGHT-KW4-361 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.36)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com