Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJP5304D Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FJP5304D
Description  NPN Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJP5304D Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FJP5304D Datasheet HTML 1Page - Fairchild Semiconductor FJP5304D Datasheet HTML 2Page - Fairchild Semiconductor FJP5304D Datasheet HTML 3Page - Fairchild Semiconductor FJP5304D Datasheet HTML 4Page - Fairchild Semiconductor FJP5304D Datasheet HTML 5Page - Fairchild Semiconductor FJP5304D Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP5304D Rev. A
4
Typical Characteristics (Continued)
Figure 1. Forward Bias Safe Operating Area
Figure 2. Reverse Bias Safe Operating Area
Figure 3. Power Derating
10
100
1000
0.01
0.1
1
10
100
T
C=25
o
C
10μs
DC
1μs
1ms
V
CE[V], COLLECTOR-EMITTER VOLTAGE
10
100
1000
10000
0.01
0.1
1
10
100
Vcc=50V,
I
B1=1A, IB2 = -1A
L = 1mH
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
20
40
60
80
100
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - FJP5304D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
logo
ON Semiconductor
FJP5304D ONSEMI-FJP5304D Datasheet
219Kb / 7P
   NPN Silicon Transistor
July 2008 Rev. A
More results

Similar Description - FJP5304D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com