Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW4-251CS Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW4-251CS
Description  LED Numeric Display Four Digit (0.25)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW4-251CS Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW4-251CS Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW4-251 SERIES
LED Numeric Display
Four Digit (0.25")
DESCRIPTION:
The KW4-251 series is 0.25 inch (6.20mm) height four digit display.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
700
635
660
565
570
585
700
635
660
565
570
585
90
45
20
30
30
30
90
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
2.4
1.9
1.9
2.2
2.2
1.9
2.4
1.9
1.9
2.2
2.2
1.9
2.8
2.6
2.6
2.6
2.6
2.6
2.8
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
300
700
1500
700
850
600
300
700
1500
700
850
600
550
1800
5000
1600
1900
1500
550
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW4-251A5
KW4-251A3
KW4-251AS
KW4-251A2
KW4-251AG
KW4-251A6
KW4-251C5
KW4-251C3
KW4-251CS
KW4-251C2
KW4-251CG
KW4-251C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
10.0
O
6.00
6.00
6.00
φ0.50
8.40
36.00
2.54 x 11 = 27.94
PIN 1
DIG.1
DIG.2
DIG.3
DIG.4
D7
D8
D1
D4
D5
D6
F
E
G
A
B
C
D
D2
D3
L
3.50
0.80
+
D1 D2 D3
24
23 2
1 15 19 11 4 21 20 22
7
6
9
16
17 18
14
12
AB C D
DIG.1
3
EF G AB C D
DIG.2
5
EF G
A
D4 D5
D7
D6
L D8
BC D
DIG.3
8
EF G
AB C D
DIG.4
10
13
EF G
D1 D2 D3
24
23 2
1 15 19 11 4 21 20 22
7
6
9
16
17 18
14
12
AB C D
DIG.1
3
EF G AB C D
DIG.2
5
EF G
A
D4 D5
D7
D6
L D8
BC D
DIG.3
8
EF G
AB C D
DIG.4
10
13
EF G


Similar Part No. - KW4-251CS

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-281 LUCKY-LIGHT-KW4-281 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281A2 LUCKY-LIGHT-KW4-281A2 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281A3 LUCKY-LIGHT-KW4-281A3 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281A6 LUCKY-LIGHT-KW4-281A6 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281AG LUCKY-LIGHT-KW4-281AG Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
More results

Similar Description - KW4-251CS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY06A4-A SUNLED-DUY06A4-A Datasheet
218Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUG06C4-A SUNLED-DUG06C4-A Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUG06C4 SUNLED-DUG06C4 Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06C4-A SUNLED-DUR06C4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DMR06A4 SUNLED-DMR06A4 Datasheet
231Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUY06A4 SUNLED-DUY06A4 Datasheet
219Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUG06A4 SUNLED-DUG06A4 Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DMR06C4 SUNLED-DMR06C4 Datasheet
231Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUR06A4 SUNLED-DUR06A4 Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06A4-A SUNLED-DUR06A4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com