Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD6M045N06 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FD6M045N06
Description  60V/60A Synchronous Rectifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FD6M045N06 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FD6M045N06 Datasheet HTML 1Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 2Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 3Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 4Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 5Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 6Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 7Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 8Page - Fairchild Semiconductor FD6M045N06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FD6M045N06 Rev. A1
8
www.fairchildsemi.com
Detailed Package Outline Drawings
1.27
22.86
MAX 0.80
0.70
0.50
(0.77)
(0.50)
MAX 3.07
2.97
2.77
26.20
25.80
23.10
22.90
2.70
2.30
0.60
0.40
3.48
2.88
2.70
2.30
5.35
5.15
(R0.50)
(R0.55)
(R0.55)
14.50
13.50
18.50
17.50
0.70
0.30
10.70
10.30
(R0.50)
(1.50)
(6.00)
(12.00)
Figure 6. EPM15 Package
Dimensions in Millimeters


Similar Part No. - FD6M045N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD6M043N08 FAIRCHILD-FD6M043N08 Datasheet
649Kb / 9P
   75V/65A Synchronous Rectifier Module
More results

Similar Description - FD6M045N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPP06R001 FAIRCHILD-FPP06R001 Datasheet
870Kb / 9P
   75V/60A Synchronous Rectifier Module
FD6M033N06 FAIRCHILD-FD6M033N06 Datasheet
641Kb / 9P
   60V/73A Synchronous Rectifier Module
logo
PFC Device Inc.
PFR60L60CT PFC-PFR60L60CT Datasheet
774Kb / 7P
   60A 60V MOS Schottky Rectifier
PFR6060PT PFC-PFR6060PT Datasheet
661Kb / 6P
   60A 60V MOS Schottky Rectifier
PFR60L60PT PFC-PFR60L60PT Datasheet
663Kb / 6P
   60A 60V MOS Schottky Rectifier
logo
MacMic
MMD60A MACMIC-MMD60A Datasheet
1Mb / 3P
   60A Rectifier Diode Module
MMD60A160U MACMIC-MMD60A160U Datasheet
205Kb / 3P
   60A Rectifier Diode Module
logo
E-CMOS Corporation
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
   60V ,60A N-Channel
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
   60V 60A N-Channel
logo
Shindengen Electric Mfg...
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
   Schottky Rectifiers (SBD)(60V 60A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com