Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5099 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5099
Description  Wide Frequency Synchronous Buck PW & LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5099 Datasheet HTML 6Page - Fairchild Semiconductor FAN5099 Datasheet HTML 7Page - Fairchild Semiconductor FAN5099 Datasheet HTML 8Page - Fairchild Semiconductor FAN5099 Datasheet HTML 9Page - Fairchild Semiconductor FAN5099 Datasheet HTML 10Page - Fairchild Semiconductor FAN5099 Datasheet HTML 11Page - Fairchild Semiconductor FAN5099 Datasheet HTML 12Page - Fairchild Semiconductor FAN5099 Datasheet HTML 13Page - Fairchild Semiconductor FAN5099 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.5
10
Block Diagram
Figure 21. Block Diagram
Detailed Operation Description
FAN5099 combines a high-efficiency, fixed-frequency
PWM controller designed for single-phase synchronous
buck Point-Of-Load converters with an integrated LDO
controller to support GTL-type loads. This controller is
ideally suited to deliver low-voltage, high-current power
supplies needed in desktop computers, notebooks,
workstations, and servers. The controller comes with an
integrated boot diode which helps reduce component
cost and increase space savings. With this controller, the
input to the power supply can be varied from 3V to 24V
and the output voltage can be set to regulate at 0.8V to
15V on the switcher output. The LDO output can be con-
figured to regulate between 0.8V to 3V and the input to
the LDO can be from 1.5V to 5V, respectively. An internal
shunt regulator at the VCC pin facilitates the controller
operation from either a 5V or 12V power source.
VCC Bias Supply
FAN5099 can be configured to operate from 5V or 12V
for VCC. When 5V supply is used for VCC, no resistor is
required to be connected between the supply and the
VCC. When the 12V supply is used, a resistor RVCC is
connected between the 12V supply and the VCC, as
shown in Figure 1. The internal shunt regulator at the VCC
pin is capable of sinking 150mA of current to ensure the
controller’s internal VCC is maintained at 5.6V maximum.
Choose a resistor such that:
It is rated to handle the power dissipation.
Current sunk within the controller is minimized to
prevent IC temperature rise.
RVCC Selection (IC)
The selection of RVCC is dependent on:
Variation of the 12V supply
Sum of gate charges of top and bottom FETs (QFET)
Switching frequency (fSW)
Shunt regulator minimum current (1mA)
Quiescent Current of the IC (IQ)
Calculate RVCC based on the minimum input voltage for
the VCC:
(EQ. 1)
For a typical example, where:
VINMIN = 11.5V, IQ = 3mA, QFET = 30nC, fSW = 300kHz,
RVCC is calculated to be 398.65Ω.
PWM Section
The FAN5099’s PWM controller combines the conven-
tional voltage mode control and current sensing through
lower MOSFET RDS_ON to generate the PWM signals.
This method of current sensing is loss-less and cost
effective. For more accurate current sense requirements,
an optional external resistor can be connected with the
bottom MOSFET in series.
Current
Sense
Amplifier
FB
COMP
SS
Vref
Vcc
ILIM
R
ILIM
10μA
10μA
Current Limit
Comparator
Internal
Boot Diode
Internal Vcc 5.6V Max.
OSC
R
S
Q
PW M
EN
R(RAMP)
Ramp
Generator
Enable
Vcc
C
O
L
O
BOOT
Vout
R
RAMP
Error
Amplifier
PWM
Comparator
C
BOOT
V
IN
V
IN
Shunt Reg
HDRV
SW
LDRV
PGND
Summing
Amplifier
Adaptive
Gate Drive
Circuit
R
VCC
VIN
MIN
5.6
I
Q
110
3
Q
FET
f
SW
1.2
++
()
----------------------------------------------------------------------------------------
=


Similar Part No. - FAN5099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099EMX FAIRCHILD-FAN5099EMX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
More results

Similar Description - FAN5099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com