Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21462C Datasheet(PDF) 6 Page - Microchip Technology

Part # 21462C
Description  Tiny Serial Digital Thermal Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

21462C Datasheet(HTML) 6 Page - Microchip Technology

Back Button 21462C Datasheet HTML 2Page - Microchip Technology 21462C Datasheet HTML 3Page - Microchip Technology 21462C Datasheet HTML 4Page - Microchip Technology 21462C Datasheet HTML 5Page - Microchip Technology 21462C Datasheet HTML 6Page - Microchip Technology 21462C Datasheet HTML 7Page - Microchip Technology 21462C Datasheet HTML 8Page - Microchip Technology 21462C Datasheet HTML 9Page - Microchip Technology 21462C Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC74
DS21462C-page 6
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
3.1
Functional Description
The TC74 acquires and converts temperature
information from its onboard solid-state sensor with a
resolution of ±1°C. It stores the data in an internal
register which is then read through the serial port. The
system interface is a slave SMBus/I2C port, through
which temperature data can be read at any time. Eight
SMBus/I2C addresses are programmable for the TC74,
which allows for a multi-sensor configuration. Also,
there is low power Standby mode when temperature
acquisition is suspended.
3.1.1
STANDBY MODE
The host is allowed, by the TC74, to put it into a low
power (IDD = 5 µA, typical) Standby mode. In this
mode, the A/D converter is halted and the temperature
data registers are frozen. The SMBus/I2C port, though,
operates normally. Standby mode is enabled by setting
the SHDN bit in the CONFIG register. Table 3-1
summarizes this operation.
TABLE 3-1:
STANDBY MODE OPERATION
3.1.2
SMBUS/I2C SLAVE ADDRESS
The TC74 is internally programmed to have a default
SMBus/I2C address value of 1001 101b. Seven other
addresses are available by custom order (contact
Microchip Technology Inc.
3.2
Serial Port Operation
The Serial Clock input (SCLK) and bidirectional data
port (SDA) form a 2-wire bidirectional serial port for pro-
gramming
and
interrogating
the
TC74.
The
conventions used in this bus architecture are listed in
Table 3-2.
TABLE 3-2:
SERIAL BUS CONVENTIONS
All transfers take place under the control of a host, usu-
ally a CPU or microcontroller, acting as the Master. This
host provides the clock signal for all transfers. The
TC74 always operates as a Slave. The serial protocol
is illustrated in Figure 3-1. All data transfers have two
phases and all bytes are transferred MSB first.
Accesses are initiated by a START condition, followed
by a device address byte and one or more data bytes.
The device address byte includes a Read/Write selec-
tion bit. Each access must be terminated by a STOP
condition. A convention called “Acknowledge” (ACK)
confirms receipt of each byte. Note that SDA can
change only during periods when SCLK is low (SDA
changes while SCLK is high are reserved for START
and STOP conditions).
SHDN Bit
Operating Mode
0
Normal
1
Standby
Term
Explanation
Transmitter The device sending data to the bus.
Receiver
The device receiving data from the bus.
Master
The device which controls the bus initi-
ating transfers (START), generating the
clock and terminating transfers
(STOP).
Slave
The device addressed by the master.
START
A unique condition signaling the begin-
ning of a transfer indicated by SDA
falling (high-low) while SCLK is high.
STOP
A unique condition signaling the end of
a transfer indicated by SDA rising (low-
high) while SCLK is high.
ACK
A Receiver acknowledges the receipt
of each byte with this unique condition.
The Receiver drives SDA low during
SCLK high of the ACK clock-pulse. The
Master provides the clock pulse for the
ACK cycle.
Busy
Communication is not possible
because the bus is in use.
NOT Busy
When the bus is idle, both SDA and
SCLK will remain high.
Data Valid
The state of SDA must remain stable
during the high period of SCLK in order
for a data bit to be considered valid.
SDA only changes state while SCLK is
low during normal data transfers (see
START and STOP conditions).


Similar Part No. - 21462C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2146 ALPHAWIRE-2146 Datasheet
96Kb / 3P
   Customer Specification
9/14/2022
logo
Heyco.
2146 HEYCO-2146 Datasheet
155Kb / 1P
   Metric Snap Bushings
logo
Wurth Elektronik GmbH &...
214611003 WURTH-214611003 Datasheet
361Kb / 6P
   WE-D-SUB Filter Solder Pin Straight
001.001
214611023 WURTH-214611023 Datasheet
362Kb / 6P
   WE-D-SUB Filter Solder Pin Straight
001.001
214612013 WURTH-214612013 Datasheet
380Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
More results

Similar Description - 21462C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74_13 Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74 MICROCHIP-TC74 Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com