Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8112M_0810 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC8112M_0810
Description  6-Pin DIP Optocoupler for Power Supply Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8112M_0810 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC8112M_0810 Datasheet HTML 1Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 2Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 3Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 4Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 5Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 6Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 7Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 8Page - Fairchild Semiconductor MOC8112M_0810 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8111M, MOC8112M, MOC8113M Rev. 1.0.1
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified.)
Individual Component Characteristics
Isolation Characteristics
Transfer Characteristic
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 60mA
1.35
1.65
V
IF = 10mA
1.15
1.50
VR
Reverse Voltage
IR = 10µA
6.0
15
V
CJ
Capacitance
VF = 0V, f = 1.0MHz
50
pF
VF = 1V, f = 1.0MHz
65
IR
Reverse Leakage Current
VR = 3.0V
.35
10
µA
DETECTOR
BVCEO
Breakdow Voltage, Collector to Emitter
IC = 1.0mA, IF = 0
70
V
BVECO
Breakdow Voltage, Emitter to Collector
IE = 100µA, IF = 0
7
V
ICEO
Leakage Current, Collector to Emitter
VCE = 10V, IF = 0
5
50
V
CCE
Capacitance, Collector to Emitter
VCE = 0 V, f = 1MHz
8
pF
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Units
VISO
Input-Output Isolation Voltage
f = 60Hz, t = 1 sec.
7500
VAC(PK)
CISO
Isolation Capacitance
VI-O = 0, f = 1MHz
0.5
pF
Symbol
Characteristics
Test Conditions
Device
Min.
Typ.
Max. Units
DC CHARACTERISTICS
CTR
Output/Input Current
Transfer Ratio
IF = 10mA, VCE = 5V
MOC8111M
20
%
MOC8112M
50
MOC8113M
100
VCE(SAT) Collector-Emitter
Saturation Voltage
IF = 10mA, IC = 2.5mA
All
0.27
0.4
V
AC CHARACTERISTICS
Non-Saturated Switching Times
ton
Turn-On Time
RL = 100Ω, IC = 2mA,
VCC = 10V, See Figure 7
All
6.0
10
µs
toff
Turn-Off Time
All
5.5
10
µs
Saturated Switching Times
ton
Turn-On Time
IF = 20mA, VCE = 0.4V
MOC8111M
3.0
5.5
µs
IF = 10mA, VCE = 0.4V
MOC812M/3M
4.2
8.0
tr
Rise-Time
IF = 20mA, VCE = 0.4V
MOC8111M
2.0
4.0
µs
IF = 10mA, VCE = 0.4V
MOC812M/3M
3.0
6.0
toff
Turn-Off Time
IF = 20mA, VCE = 0.4V
MOC8111M
18
34
µs
IF = 10mA, VCE = 0.4V
MOC812M/3M
23
39
tf
Fall-Time
IF = 20mA, VCE = 0.4V
MOC8111M
11
20
µs
IF = 10mA, VCE = 0.4V
MOC812M/3M
14
24


Similar Part No. - MOC8112M_0810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8112M FAIRCHILD-MOC8112M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
More results

Similar Description - MOC8112M_0810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com