Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW2-403A3 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW2-403A3
Description  LED Numeric Display Dual Digit (0.40)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW2-403A3 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW2-403A3 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW2-403 SERIES
LED Numeric Display
Dual Digit (0.40")
DESCRIPTION:
The KW2-403 series is 0.40 inch (10.20mm) height dual digit display with
right DP designed for viewing distances of up to six meters.
This series is suitable for use in instruments, point of sales terminals and
electrical appliances.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW2-403A3
KW2-403AS
KW2-403A2
KW2-403AG
KW2-403A6
KW2-403C3
KW2-403CS
KW2-403C2
KW2-403CG
KW2-403C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
12.70
1.04
PIN 1
5.80
20.10
10.16
2.5*7=17.5
8.0
o
φ0.45
DIG.1
DIG.2
A
B
C
E
D
DP
F
G
+
5
DIG.2
DIG.1
A BCD E F G
15 13 1 3 2 14 16
DP
4
ABCDE F G
10 12 8 6 7 11 9
5
DIG.2
DIG.1
A BCD E F G
15 13 1 3 2 14 16
DP
4
ABCDE F G
10 12 8 6 7 11 9


Similar Part No. - KW2-403A3

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW2-401 LUCKY-LIGHT-KW2-401 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
KW2-402 LUCKY-LIGHT-KW2-402 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
KW2-402A2 LUCKY-LIGHT-KW2-402A2 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
KW2-402A3 LUCKY-LIGHT-KW2-402A3 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
KW2-402A6 LUCKY-LIGHT-KW2-402A6 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results

Similar Description - KW2-403A3

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW2-402 LUCKY-LIGHT-KW2-402 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
KW2-401 LUCKY-LIGHT-KW2-401 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
logo
Inolux Corporation
HNTD40 INOLUX-HNTD40 Datasheet
1Mb / 17P
   0.40 Dual Digit Numeric Display
logo
Lucky Light Electronic
KW3-401 LUCKY-LIGHT-KW3-401 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.40)
KW3-402 LUCKY-LIGHT-KW3-402 Datasheet
50Kb / 1P
   LED Numeric Display Three Digit (0.40)
KW4-402 LUCKY-LIGHT-KW4-402 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.40)
KWE-401 LUCKY-LIGHT-KWE-401 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KW1-401 LUCKY-LIGHT-KW1-401 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.40)
KW4-401 LUCKY-LIGHT-KW4-401 Datasheet
52Kb / 1P
   LED Numeric Display Four Digit (0.40)
logo
BetLux Electronics
BL-D40A-23 BETLUX-BL-D40A-23 Datasheet
329Kb / 5P
   10.20mm (0.40) Dual digit numeric display series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com