Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW1-1801A2 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW1-1801A2
Description  LED Numeric Display Single Digit (1.80")
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW1-1801A2 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW1-1801A2 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW1-1801 SERIES
LED Numeric Display
Single Digit (1.80")
INTERNAL CIRCUIT DIAGRAM
A
1,5
BC D E F G DP
6 4
2 9 10 8
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
5.1
4.8
5.1
5.1
5.1
5.1
4.8
5.1
5.1
5.1
6.0
5.4
6.3
6.3
6.3
6.0
5.4
6.3
6.3
6.3
8.4
6.3
8.4
8.4
8.4
8.4
6.3
8.4
8.4
8.4
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
1800
10000
1600
1800
1600
1800
10000
1600
1800
1600
5600
40000
5200
5500
5200
5600
40000
5200
5500
5200
Electro-optical Data(at 10mA)
KW1-1801A3
KW1-1801AS
KW1-1801A2
KW1-1801AG
KW1-1801A6
KW1-1801C3
KW1-1801CS
KW1-1801C2
KW1-1801CG
KW1-1801C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
PACKAGE DIMENSIONS
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KW1-1801 series is large single digit display in 1.80 inch (45.00mm) height
with right DP designed for accurate readable displays need to be viewed over
a distance.
This series is suitable for use in instruments, digital readout displays.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
7
3
A
1,5
BC D E F G DP
6 4
2 9 10 8
7
3
4.20
A
B
C
D
DP
E
F
G
37.80
PIN 1
2.54*4=10.16
48.00
26.00
φ0.50
+
10.0
o


Similar Part No. - KW1-1801A2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-1001 LUCKY-LIGHT-KW1-1001 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A2 LUCKY-LIGHT-KW1-1001A2 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A26 LUCKY-LIGHT-KW1-1001A26 Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
KW1-1001A3 LUCKY-LIGHT-KW1-1001A3 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.00)
KW1-1001A32 LUCKY-LIGHT-KW1-1001A32 Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com