Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F4SR2VM Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # CNY17F4SR2VM
Description  Phototransistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F4SR2VM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button CNY17F4SR2VM Datasheet HTML 2Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 3Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 4Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 5Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 6Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 7Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 8Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 9Page - Fairchild Semiconductor CNY17F4SR2VM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
CYN17XM, CNY17FXM, MOC810XM Rev. 1.0.7
8
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No option
CYN171M
Standard Through Hole Device
S
CYN171SM
Surface Mount Lead Bend
SR2
CYN171SR2M
Surface Mount; Tape and Reel
T
CYN171TM
0.4" Lead Spacing
V
CYN171VM
VDE 0884
TV
CYN171TVM
VDE 0884, 0.4" Lead Spacing
SV
CYN171SVM
VDE 0884, Surface Mount
SR2V
CYN171SR2VM
VDE 0884, Surface Mount, Tape and Reel
CYN17-1
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
V
X YY Q


Similar Part No. - CNY17F4SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F4 FAIRCHILD-CNY17F4 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F4 FAIRCHILD-CNY17F4 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY17F4M FAIRCHILD-CNY17F4M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F4M FAIRCHILD-CNY17F4M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY17F4M FAIRCHILD-CNY17F4M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - CNY17F4SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com