Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD420TV Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FOD420TV
Description  6-Pin DIP Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD420TV Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD420TV Datasheet HTML 4Page - Fairchild Semiconductor FOD420TV Datasheet HTML 5Page - Fairchild Semiconductor FOD420TV Datasheet HTML 6Page - Fairchild Semiconductor FOD420TV Datasheet HTML 7Page - Fairchild Semiconductor FOD420TV Datasheet HTML 8Page - Fairchild Semiconductor FOD420TV Datasheet HTML 9Page - Fairchild Semiconductor FOD420TV Datasheet HTML 10Page - Fairchild Semiconductor FOD420TV Datasheet HTML 11Page - Fairchild Semiconductor FOD420TV Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD420, FOD4208, FOD4216, FOD4218 Rev. 1.1.5
10
Ordering Information
Marking Information
Option
Order Entry Identifier
(example)
Description
None
FOD420
Standard Through Hole Device
S
FOD420S
Surface Mount Lead Bend
SD
FOD420SD
Surface Mount; Tape and reel
T
FOD420T
0.4" Lead Spacing
V
FOD420V
IEC60747-5-2 certification
TV
FOD420TV
IEC60747-5-2 certification, 0.4" Lead Spacing
SV
FOD420SV
IEC60747-5-2 certification, Surface Mount
SDV
FOD420SDV
IEC60747-5-2 certification, Surface Mount, Tape & Reel
FOD420
V
X YY D
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark indicates IEC60747-5-2 certified (Note: Only appears on
parts ordered with VDE option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - FOD420TV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD420TV ONSEMI-FOD420TV Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
More results

Similar Description - FOD420TV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com