Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F3SR2M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CNY17F3SR2M
Description  Phototransistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F3SR2M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CNY17F3SR2M Datasheet HTML 1Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 2Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 3Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 4Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 5Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 6Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 7Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 8Page - Fairchild Semiconductor CNY17F3SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
CYN17XM, CNY17FXM, MOC810XM Rev. 1.0.7
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameters
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-40 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
PD
Total Device Power Dissipation @ 25°C (LED plus detector)
Derate Linearly From 25°C
250
mW
2.94
mW/°C
EMITTER
IF
Continuous Forward Current
60
mA
VR
Reverse Voltage
6
V
IF (pk)
Forward Current – Peak (1µs pulse, 300pps)
1.5
A
PD
LED Power Dissipation 25°C Ambient
Derate Linearly From 25°C
120
mW
1.41
mW/°C
DETECTOR
IC
Continuous Collector Current
50
mA
VCEO
Collector-Emitter Voltage
70
V
VECO
Emitter Collector Voltage
7
V
PD
Detector Power Dissipation @ 25°C
Derate Linearly from 25°C
150
mW
1.76
mW/°C


Similar Part No. - CNY17F3SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F3 FAIRCHILD-CNY17F3 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F3 FAIRCHILD-CNY17F3 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY17F3M FAIRCHILD-CNY17F3M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F3M FAIRCHILD-CNY17F3M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY17F3M FAIRCHILD-CNY17F3M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - CNY17F3SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com