Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8050TVM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC8050TVM
Description  Photodarlington Optocoupler (No Base Connection)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8050TVM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC8050TVM Datasheet HTML 1Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 2Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 3Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 4Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 5Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 6Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 7Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 8Page - Fairchild Semiconductor MOC8050TVM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8021M, MOC8050M Rev. 1.0.3
4
Typical Performance Curves
Fig. 2 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
Fig. 3 Normalized CTR vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
IF - LED FORWARD CURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
1.8
1.6
1.4
1.2
1.0
0.8
0.6
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1
0.1
0.1
1
10
100
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
TA =25
oC
TA =-40
oC
TA = 110
oC
VCE =10V
TA =25
oC
Normalized to IF =10 mA
TA =-40
oC
TA =0
oC, 25oC
TA =7 0
oC
TA =110
oC
IF =10mA
V
CE
=10V
Normalized to TA =25
oC
Fig. 5 Turn-off Time vs. Forward Current
1000
100
10
1
VCC =10V
TA =25
oC
RL =1KΩ
RL = 100Ω
RL =10Ω
01
23
4
567
89
10
0
2
4
6
8
10
12
14
16
TA =25
oC
IF =1 mA
IF =2 mA
IF =5 mA
IF =10 mA
Normalized to:
IF =1 mA, VCE =5V
Fig. 6 Normalized Collector-Emitter Current
vs. Collector-Emitter Voltage
VCE - COLLECTOR-EMITTER VOLTAGE (V)
IF - FORWARD CURRENT (mA)
01
10
100
Fig. 4 Turn-on Time vs. Forward Current
VCC =10V
TA =25
oC
R
L =1k Ω
RL = 100Ω
RL =10Ω
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.1
1
10
100
1000


Similar Part No. - MOC8050TVM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
QT Optoelectronics
MOC8050 QT-MOC8050 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Siemens Semiconductor G...
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Fairchild Semiconductor
MOC8050 FAIRCHILD-MOC8050 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8050 ISOCOM-MOC8050 Datasheet
65Kb / 2P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

Similar Description - MOC8050TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
   Photodarlington Optocoupler (No Base Connection)
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8030 FAIRCHILD-MOC8030 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com