Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2741CV Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FOD2741CV
Description  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2741CV Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FOD2741CV Datasheet HTML 5Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 6Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 7Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 8Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 9Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 10Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 11Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 12Page - Fairchild Semiconductor FOD2741CV Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2741A, FOD2741B, FOD2741C Rev. 1.0.1
9
Typical Performance Curves (Continued)
TA – AMBIENT TEMPERATURE (°C)
ILED – FORWARD CURRENT (mA)
010
515
20
25
30
3540
4550
40
60
80
100
120
140
010
20
30
4050
60708090
100
0
5
10
15
20
25
30
Fig. 15 – Collector Current vs. Ambient Temperature
Fig. 16 – Current Transfer Ratio vs. LED Current
VCE = 5V
0
°C
25
°C
70
°C
ILED = 20mA
VCE = 5V
ILED = 10mA
ILED = 6mA
ILED = 1mA
Fig. 17 – Saturation Voltage vs. Ambient Temperature
0.10
0.12
0.14
0.16
0.18
0.20
0.22
-40
-20
0
20
40
TA – AMBIENT TEMPERATURE (°C)
60
80
100
0.24
0.26
TA – AMBIENT TEMPERATURE (°C)
VCE – COLLECTOR-EMITTER VOLTAGE (V)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
10000
0123456789
10
0
5
10
15
20
25
30
35
Fig. 14 – Dark Current vs. Ambient Temperature
Fig. 18 – Collector Current vs. Collector Voltage
VCE = 10V
TA = 25°C
ILED = 20mA
ILED = 10mA
ILED = 5mA
ILED = 1mA
TEMPERATURE (
°C)
-0.32
-0.34
-0.36
-0.38
-0.40
-0.42
-0.44
-0.46
-60
-40
-20
0
20
40
60
80
100
120
Fig. 19 – Rate of Change Vref to Vout vs. Temperature


Similar Part No. - FOD2741CV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2741C FAIRCHILD-FOD2741C Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741CSDV FAIRCHILD-FOD2741CSDV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741CSV FAIRCHILD-FOD2741CSV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741CTV FAIRCHILD-FOD2741CTV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results

Similar Description - FOD2741CV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com