Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3181SDV Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD3181SDV
Description  0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3181SDV Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD3181SDV Datasheet HTML 1Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 2Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 3Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 4Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 5Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD3181SDV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3181 Rev. 1.0.8
5
Typical Performance Curves
Fig. 1 Input Forward Current vs. Forward Voltage
VF – FORWARD VOLTAGE (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.001
0.01
0.1
1
10
100
TA = 100°C
TA = 25°C
TA = -40°C
Fig. 2 Low To High Input Current Threshold
vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
V
CC
= 10 to 20V
VEE = 0
Output = Open
Fig. 3 Output Low Voltage vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
VF(OFF) = -3.0V to 0.8V
IOUT = 100mA
V
CC
= 10V to 20V
VEE = 0
Fig. 4 High Output Voltage Drop vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
V
CC
= 10 to 20V, VEE = 0
IF = 10mA to 16mA
IOUT = -100 mA
Fig. 5 Supply Current vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
3.8
4.2
4.6
5.0
5.4
5.8
6.2
V
CC
= 20V, VEE = 0
IF = 10mA (for ICCH)
IF = 0mA (for ICCL)
ICCL
ICCH
Fig. 6 Supply Current vs. Supply Voltage
VCC – SUPPLY VOLTAGE (V)
10
12
14
16
18
20
3.8
4.2
4.6
5.0
5.4
5.8
6.2
IF = 10mA (for ICCH)
IF = 0mA (for ICCL)
TA = 25
oC, V
EE = 0V
ICCL
ICCH


Similar Part No. - FOD3181SDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181SDV FAIRCHILD-FOD3181SDV Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results

Similar Description - FOD3181SDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com