Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD4108V Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD4108V
Description  6-Pin DIP Zero-Cross Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4108V Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD4108V Datasheet HTML 1Page - Fairchild Semiconductor FOD4108V Datasheet HTML 2Page - Fairchild Semiconductor FOD4108V Datasheet HTML 3Page - Fairchild Semiconductor FOD4108V Datasheet HTML 4Page - Fairchild Semiconductor FOD4108V Datasheet HTML 5Page - Fairchild Semiconductor FOD4108V Datasheet HTML 6Page - Fairchild Semiconductor FOD4108V Datasheet HTML 7Page - Fairchild Semiconductor FOD4108V Datasheet HTML 8Page - Fairchild Semiconductor FOD4108V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD410, FOD4108, FOD4116, FOD4118 Rev. 1.1.4
July 2008
FOD410, FOD4108, FOD4116, FOD4118
6-Pin DIP Zero-Cross Triac Drivers
Features
300mA on-state current
Zero-voltage crossing
High blocking voltage
– 800V (FOD4108, FOD4118)
– 600V (FOD410, FOD4116)
High trigger sensitivity
– 1.3mA (FOD4116, FOD4118)
– 2mA (FOD410, FOD4108)
High static dv/dt (10,000V/µs)
UL, VDE, CSA approved
Lead free assembly
Applications
Solid-state relays
Industrial controls
Lighting controls
Static power switches
AC motor starters
Description
The FOD410, FOD4108, FOD4116 and FOD4118
devices consist of an infrared emitting diode coupled to a
hybrid triac formed with two inverse parallel SCRs which
form the triac function capable of driving discrete triacs.
The FOD4116 and FOD4118 utilize a high efficiency
infrared emitting diode which offers an improved trigger
sensitivity. These devices are housed in a standard 6-pin
dual in-line (DIP) package.
PackageSchematic
6
1
6
1
6
1
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
ZERO
CROSSING
CIRCUIT


Similar Part No. - FOD4108V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4108 ONSEMI-FOD4108 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
More results

Similar Description - FOD4108V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
logo
Fairchild Semiconductor
FOD420 FAIRCHILD-FOD420 Datasheet
295Kb / 12P
   6-Pin DIP Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com