Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2200SDV Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD2200SDV
Description  Low Input Current Logic Gate Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2200SDV Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD2200SDV Datasheet HTML 2Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 3Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 4Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 5Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 9Page - Fairchild Semiconductor FOD2200SDV Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2200 Rev. 1.0.1
6
Test Circuits (Continued)
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
Fig. 3. Test Circuit and Typical Waveforms for Common Mode Transient Immunity
50 V
OUTPUT
VO
* SEE NOTE 6.
0 V
VOH
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: I F = 1.6mA
SWITCH AT B: I F = 0mA
VCM
7
1
4
5
6
8
FOD2200
0.1
µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
+
VCM
PULSE GENERATOR
VCC
GND
FOD2200
DATA
INPUT
D1 (1N4150) REQUIRED FOR
ACTIVE PULL-UP DRIVER.
1.1k
VCC1 (+5 V)
VCC
GND
D1
TTL OR
LSTTL
Figure 4. Recommended LSTTL to LSTTL Circuit
Figure 6. Recommended LED Drive Circuit
Figure 5. LSTTL to CMOS Interface Circuit
Figure 7. Series LED Drive with Open Collector Gate
(4.7k
Ω Resistor Shunts IOH from the LED)
120pF
1
2
3
4
8
7
6
5
1
2
FOD2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(+5V)
UP TO 16
LSTTL
LOADS
OR 4 TTL
LOADS
1.1
k
VCC1
(+5V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
120pF (OPTIONAL*)
*The 120pF capacitor may be omitted in applications where 500ns propagation delay is sufficient.
FOD2200
DATA
INPUT
TTL OR
LSTTL
1.1
k
VCC (+5 V)
OPEN
COLLECTOR
GATE
VCC
GND
4.7k
120pF (OPTIONAL*)
1
2
FOD2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(4.5V TO 20V)
1.1
k
VCC1
(+5V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
CMOS
VCC2
5V
10V
15V
20V
RL
1.1k
2.37k
3.83k
5.11k
RL
1
2
3
4
8
7
6
5


Similar Part No. - FOD2200SDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2200SDV FAIRCHILD-FOD2200SDV Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
More results

Similar Description - FOD2200SDV

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com