Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB-B336VYD Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-B336VYD
Description  Blinking, Round Type LED Lamps (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-B336VYD Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-B336VYD Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION:
The B336 series with built-in I.C. which flashes the lamp on or off, can be driven
directly by standard TTL and CMOS circuits without the need for external
switching circuit.
The semi-conductor materials used are:
GaP for (B336VGC/VGD)
GaAlAs for (B336HR3C/HR3D, B336UR1C/UR1D)
GaAsP/GaP for ( B336VYC/VYD )
GB-B336 SERIES
Blinking, Round Type
LED Lamps (5mm)
φ5.0
25.4 Min.
8.6
1.0
5.9
1.0 Max.
1.0
2.54
PACKAGE DIMENSIONS
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
OUTPUT SINK CURRENT
OUTPUT SOURCE CURRENT
BLINKING FREQUENCY
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Isink
Isource
Fblk
If (Rec)
UNIT
VOLT
µA
mA
mA
Hz
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
0.5
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-B336HR3D
GB-B336UR1D
GB-B336VGD
GB-B336VYD
GB-B336HR3C
GB-B336UR1C
GB-B336VGC
GB-B336VYC
Part No.
Super Red
Super Red
Super Green
Super Yellow
Super Red
Super Red
Super Green
Super Yellow
Emitted
Color
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Water Clear
Water Clear
Water Clear
Water Clear
Lens
Color
10
10
10
10
10
10
10
10
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
25
25
25
25
25
25
25
25
35
35
45
45
35
35
45
45
Output
Sink
Current
Typ (mA)
Output
Source
Current
Typ (mA)
660
660
565
585
660
660
565
585
Peak
Wavelength
λp (nm)
Operating
Voltage
Min Max
(V)
Rec.
If (mA).
View
Angle
2
θ1/2(Deg)
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
40
40
40
40
20
20
20
20
Blinking
Frequency
Min
Max
(Hz)
SPATIAL DISTRIBUTION
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
C
D


Similar Part No. - GB-B336VYD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
GB-B226HR3C LUCKY-LIGHT-GB-B226HR3C Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
GB-B226HR3D LUCKY-LIGHT-GB-B226HR3D Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
GB-B226UR1C LUCKY-LIGHT-GB-B226UR1C Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
GB-B226UR1D LUCKY-LIGHT-GB-B226UR1D Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
More results

Similar Description - GB-B336VYD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-B516 LUCKY-LIGHT-GB-B516 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (2 x 5mm)
logo
BetLux Electronics
BL-L513-B BETLUX-BL-L513-B Datasheet
232Kb / 4P
   5mm Round Blinking flash LED Lamps
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
logo
BetLux Electronics
BL-L314-B BETLUX-BL-L314-B Datasheet
231Kb / 4P
   3mm Round Type LED Lamps, Blinking LED lamp
logo
Yellow Stone Corp
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
   5mm Round Type : LED Lamps
2009/2/25
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
   ROUND TYPE LED LAMPS(5MM)
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com