Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB-483HR3C Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-483HR3C
Description  Cylindrical Type Inverted Cone LED Lamps (3mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-483HR3C Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-483HR3C Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-483 SERIES
Cylindrical Type
Inverted Cone
LED Lamps (3mm)
DESCRIPTION:
The 483 series is cylindrical type in 3mm diameter with inverted cone top
resulting in a very wide angle effect.
This series is most suitable for panel display.
The semi-conductor materials used are:
GaP for (483VGC/VGT)
GaAsP/GaP for (483VYC/VYT)
AlGaInP for (483UIC)
GaAlAs for (483UR1C, 483HR3C)
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-483VGT
GB-483VYT
GB-483HR3C
GB-483UR1C
GB-483UIC
GB-483VGC
GB-483VYC
Part No.
Super Green
Super Yellow
Super Red
Super Red
Ultra Red
Super Green
Super Yellow
Emitted
Color
Green Trans.
Yellow Trans.
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Lens
Color
565
585
640
660
640
565
585
2.6
2.6
2.6
2.6
2.6
2.6
2.6
1.7
1.7
1.5
1.5
1.7
1.7
1.7
10-20
10-20
10-20
10-20
10-20
10-20
10-20
1.0
9.0
15.0
40.0
80.0
1.0
9.0
8.6
7.7
13.0
34.0
68.0
8.6
7.7
Iv (mcd)
Min
Typ.
160
160
160
160
160
160
160
View
Angle
2
θ1/2(Deg)
1.0 Max.
25.4 Min.
3.8
1.0
2.54
1.0
115
o
0
o
10
o
20
o
30
o
40
o
50
o
60
o
70
o
80
o
90
o
SPATIAL DISTRIBUTION
0.5
0.3
0.1
0.2
0.4
0.6
0.7
0.9
0.8
1.0
PACKAGE DIMENSIONS
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
0.5
3.8
φ3.0
C,T


Similar Part No. - GB-483HR3C

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-403 LUCKY-LIGHT-GB-403 Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
GB-403GD LUCKY-LIGHT-GB-403GD Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
GB-403GT LUCKY-LIGHT-GB-403GT Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
GB-403HD LUCKY-LIGHT-GB-403HD Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
GB-403RHD LUCKY-LIGHT-GB-403RHD Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
More results

Similar Description - GB-483HR3C

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-473 LUCKY-LIGHT-GB-473 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (4.7mm)
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
   5mm Cylindrical, Inverted Cone LED lamp
BL-L334 BETLUX-BL-L334 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
BL-L333 BETLUX-BL-L333 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
logo
Lucky Light Electronic
GB-413 LUCKY-LIGHT-GB-413 Datasheet
41Kb / 1P
   Cylindrical Type LED Lamps (3mm)
GB-403 LUCKY-LIGHT-GB-403 Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com