Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB-353SD Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-353SD
Description  Round-Helmet Type LED Lamps (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-353SD Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-353SD Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
C,T
SPATIAL DISTRIBUTION
DESCRIPTION:
The 353 series are specially applied on small housing with wider angle
requirement.
It is in popular 5mm diameter package.
The semi-conductor materials used are:
GaP for (353HD/HT, 353GC/GD/GT)
GaAsP/GaP for (353RHC/RHD/RHT, 353YC/YD/YT and 353SD)
5.8
1.0 Max.
1.0
0.6
2.54
25.4 Min.
4.4
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-353HD
GB-353RHD
GB-353GD
GB-353YD
GB-353SD
GB-353HT
GB-353RHT
GB-353GT
GB-353YT
GB-353RHC
GB-353GC
GB-353YC
Part No.
Bright Red
Bright Red
Green
Yellow
Orange
Bright Red
Bright Red
Green
Yellow
Bright Red
Green
Yellow
Emitted
Color
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Trans.
Red Trans.
Green Trans.
Yellow Trans.
Water Clear
Water Clear
Water Clear
Lens
Color
697
660
565
585
610
697
660
565
585
660
565
585
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
5-10
10-20
10-20
10-20
10-20
5-10
10-20
10-20
10-20
10-20
10-20
10-20
3.0
10.0
10.0
10.0
10.0
15.0
30.0
30.0
30.0
30.0
30.0
30.0
1.0
2.5
2.5
2.5
2.5
1.0
6.0
6.0
6.0
6.0
6.0
6.0
Iv (mcd)
Min Typ.
100
100
100
100
100
80
80
80
80
80
80
80
View
Angle
2
θ1/2(Deg)
PACKAGE DIMENSIONS
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
GB-353 SERIES
Round-Helmet Type
LED Lamps (5mm)
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ4.78
0.5


Similar Part No. - GB-353SD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-3128RGB LUCKY-LIGHT-GB-3128RGB Datasheet
46Kb / 1P
   SMD LED FULL COLOR TYPE
GB-313 LUCKY-LIGHT-GB-313 Datasheet
41Kb / 1P
   Round Type Flangeless LED Lamps (4.8mm)
GB-313GC LUCKY-LIGHT-GB-313GC Datasheet
41Kb / 1P
   Round Type Flangeless LED Lamps (4.8mm)
GB-313GD LUCKY-LIGHT-GB-313GD Datasheet
41Kb / 1P
   Round Type Flangeless LED Lamps (4.8mm)
GB-313GT LUCKY-LIGHT-GB-313GT Datasheet
41Kb / 1P
   Round Type Flangeless LED Lamps (4.8mm)
More results

Similar Description - GB-353SD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
BetLux Electronics
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L522 BETLUX-BL-L522 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L102SRC BETLUX-BL-L102SRC Datasheet
73Kb / 3P
   Round Helmet Type LED lamp
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
   5mm Round Type : LED Lamps
2009/2/25
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
   ROUND TYPE LED LAMPS(5MM)
logo
BetLux Electronics
BL-L48 BETLUX-BL-L48 Datasheet
193Kb / 4P
   4.8mm Round-Helmet Type LED Lamp
logo
Lucky Light Electronic
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (5mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com