Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB-214GC Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-214GC
Description  Round Type LED Lamps (4mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-214GC Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-214GC Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-214 SERIES
Round Type
LED Lamps (4mm)
4.6
1.0 Max.
1.0
1.0
2.54
25.4 Min.
6.0
DESCRIPTION:
The 214 series is widely used in general purpose indicator applications.
It is in popular 4mm diameter package.
The semi-conductor materials used are:
GaP for (214HC/HD/HT, 214GC/GD/GT)
GaAsP/GaP for (214RHC/RHD/RHT, 214YC/YD/YT and 214SD)
SPATIAL DISTRIBUTION
C,T
D
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-214HD
GB-214RHD
GB-214GD
GB-214YD
GB-214SD
GB-214HT
GB-214RHT
GB-214GT
GB-214YT
GB-214HC
GB-214RHC
GB-214GC
Part No.
Red
Bright Red
Green
Yellow
Orange
Red
Bright Red
Green
Yellow
Red
Bright Red
Green
Emitted
Color
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Trans.
Red Trans.
Green Trans.
Yellow Trans.
Water Clear
Water Clear
Water Clear
Lens
Color
697
660
565
585
610
697
660
565
585
697
660
565
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
5-10
10-20
10-20
10-20
10-20
5-10
10-20
10-20
10-20
5-10
10-20
10-20
1.6
6.0
6.0
6.0
6.0
10.0
17.0
17.0
17.0
6.0
17.0
17.0
0.5
1.1
1.1
1.1
1.1
2.5
3.5
3.5
3.5
2.0
3.5
3.5
Iv (mcd)
Min Typ.
80
80
80
80
80
40
40
40
40
40
40
40
View
Angle
2
θ1/2(Deg)
PACKAGE DIMENSIONS
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ4.0
0.5


Similar Part No. - GB-214GC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-222 LUCKY-LIGHT-GB-222 Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222GC LUCKY-LIGHT-GB-222GC Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222GD LUCKY-LIGHT-GB-222GD Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222GT LUCKY-LIGHT-GB-222GT Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222HD LUCKY-LIGHT-GB-222HD Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
More results

Similar Description - GB-214GC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-4012GD1B FORYARD-FYL-4012GD1B Datasheet
277Kb / 5P
   4mm round type led
FYL-4012YD1B FORYARD-FYL-4012YD1B Datasheet
276Kb / 5P
   4mm round type led
FYL-4012HD1B FORYARD-FYL-4012HD1B Datasheet
275Kb / 5P
   4mm round type led
FYL-4012SURC1B FORYARD-FYL-4012SURC1B Datasheet
277Kb / 5P
   4mm round type led
FYL-4012SUYC1B FORYARD-FYL-4012SUYC1B Datasheet
278Kb / 5P
   4mm round type led
FYL-4012ED1B FORYARD-FYL-4012ED1B Datasheet
276Kb / 5P
   4mm round type led
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com